Electronic Components Datasheet Search
  English  ▼

X  

LMH2 Datasheet(PDF) 17 Page - Cree, Inc

Part # LMH2
Description  LMH2 LED Modules Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMH2 Datasheet(HTML) 17 Page - Cree, Inc

Back Button LMH2 Datasheet HTML 13Page - Cree, Inc LMH2 Datasheet HTML 14Page - Cree, Inc LMH2 Datasheet HTML 15Page - Cree, Inc LMH2 Datasheet HTML 16Page - Cree, Inc LMH2 Datasheet HTML 17Page - Cree, Inc LMH2 Datasheet HTML 18Page - Cree, Inc LMH2 Datasheet HTML 19Page - Cree, Inc LMH2 Datasheet HTML 20Page - Cree, Inc LMH2 Datasheet HTML 21Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Copyright © 2011-2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree TrueWhite Technology logo are registered trademarks and the
Cree logo is a trademark of Cree, Inc. ENERGY STAR® is a registered trademark of the U.S. Environmental Protection Agency. The UR logo is a registered trademark of UL LLC.
17
LMH2 FaMiLy LED MoDuLEs
PHotoMEtry - ContinuED
0
45
90
1000
2000
3000
105
8000 lm
Dome Lens
4000
With Flat Lens
With Dome Lens
intensity
(Candlepower)
angle
8000
0°
4075
5°
4047
15°
3802
25°
3292
35°
2573
45°
1800
55°
1141
65°
658
75°
304
85°
56
90°
4
intensity
(Candlepower)
angle
8000
0°
2518
5°
2511
15°
2424
25°
2237
35°
1958
45°
1617
55°
1249
65°
899
75°
607
85°
394
90°
313
0
45
90
1000
2000
3000
8000 lm
Flat Lens
4000
Zonal Lumens - 8000
Zone
Lumens
%
0‑30°
2963
37
0-40°
4569
57
0‑60°
6986
87
0-90°
8041
100
0-180°
8041
100
Zonal Lumens - 8000
Zone
Lumens
%
0‑30°
1953
24
0-40°
3177
40
0‑60°
5543
69
0-90°
7514
94
0-180°
8005
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com