Electronic Components Datasheet Search
  English  ▼

X  

LMH2 Datasheet(PDF) 14 Page - Cree, Inc

Part # LMH2
Description  LMH2 LED Modules Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMH2 Datasheet(HTML) 14 Page - Cree, Inc

Back Button LMH2 Datasheet HTML 10Page - Cree, Inc LMH2 Datasheet HTML 11Page - Cree, Inc LMH2 Datasheet HTML 12Page - Cree, Inc LMH2 Datasheet HTML 13Page - Cree, Inc LMH2 Datasheet HTML 14Page - Cree, Inc LMH2 Datasheet HTML 15Page - Cree, Inc LMH2 Datasheet HTML 16Page - Cree, Inc LMH2 Datasheet HTML 17Page - Cree, Inc LMH2 Datasheet HTML 18Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Copyright © 2011-2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree TrueWhite Technology logo are registered trademarks and the
Cree logo is a trademark of Cree, Inc. ENERGY STAR® is a registered trademark of the U.S. Environmental Protection Agency. The UR logo is a registered trademark of UL LLC.
14
LMH2 FaMiLy LED MoDuLEs
rELativE LuMinous FLux vs. CurrEnt
LMH2+
TestConditions: Tc=55 °C
Steady-state operation
Relative Intensity vs. Current (Tc = 55ºC)
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
100
200
300
400
500
600
700
800
900
1000
Forward Current (mA)
1250 & 2000 lm,
3000 K
3000 lm, 3000 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com