Electronic Components Datasheet Search
  English  ▼

X  

IR2159S Datasheet(PDF) 17 Page - International Rectifier

Part # IR2159S
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2159S Datasheet(HTML) 17 Page - International Rectifier

Back Button IR2159S Datasheet HTML 13Page - International Rectifier IR2159S Datasheet HTML 14Page - International Rectifier IR2159S Datasheet HTML 15Page - International Rectifier IR2159S Datasheet HTML 16Page - International Rectifier IR2159S Datasheet HTML 17Page - International Rectifier IR2159S Datasheet HTML 18Page - International Rectifier IR2159S Datasheet HTML 19Page - International Rectifier IR2159S Datasheet HTML 20Page - International Rectifier IR2159S Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
IR21592/IR21593(S)
www.irf.com
17
60uA
-1uA
t
t
t
t
V
CVCO
I
CVCO
V
RCS
VS
LO
HO
V
IPH
Figure 8, Peak load current regulation timing diagram.
This feedback keeps the peak preheat current
regulated to the user-programmable setting on pin
IPH for the duration of the preheat time. An
internal current source connected to an external
resistor on pin IPH sets a voltage reference for
the peak pre-heat current. The pre-heat time
continues until the voltage on pin CPH exceeds
5V.
Ignition (IGN)
The IR21592/IR21593 enters ignition mode when
the voltage on pin CPH exceeds 5V. The peak
current regulation reference voltage is
disconnected from the user-programmable
setting on pin IPH and is connected to a higher
internal threshold of 1.6V (Figure 9).
3
7.6V
2
1uA
4
CPH
DIM
VCO
11
12
COM
LO
10
CS
1uA
1.6V
Q2
RCS
VCO
PH
LOGIC
16
HO
Q2
15
VS
R
DIM
C
CPH
C
VCO
Half
Bridge
Output
I
LOAD
V
BUS(+)
V
BUS(-)
Load
Return
Half
Bridge
Driver
IR21592/IR21593
DIM
INTERFACE
0.5 to 5V
PHASE
CONTROL
FAULT
LOGIC
Figure 9, IR21592/IR21593 ignition circuitry.
The ignition ramp is then initiated as the
capacitor on pin VCO discharges linearly
through an internal 1uA current source. The
frequency decreases linearly towards the
resonance frequency of the high-Q ballast output
stage, causing the lamp voltage and load current
to increase (Figure 10).
The frequency
continues to decrease until the lamp ignites or
the current limit of the IR21592/IR21593 is
reached. If the current limit is reached, the
IR21592/IR21593 enters FAULT mode. The 1.6V
threshold together with the external current
sensing resistor on pin CS determine the
maximum allowable peak ignition current (and
therefore peak ignition voltage) of the ballast
output stage. The peak ignition current must not
exceed the maximum allowable current ratings
of the output stage MOSFETs or IGBTs, and,
the resonant inductor must not saturate at
any time.
To prevent a "flash" across the lamp during
ignition at low dim settings, an ignition detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com