Electronic Components Datasheet Search
  English  ▼

X  

IR2159S Datasheet(PDF) 12 Page - International Rectifier

Part # IR2159S
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2159S Datasheet(HTML) 12 Page - International Rectifier

Back Button IR2159S Datasheet HTML 8Page - International Rectifier IR2159S Datasheet HTML 9Page - International Rectifier IR2159S Datasheet HTML 10Page - International Rectifier IR2159S Datasheet HTML 11Page - International Rectifier IR2159S Datasheet HTML 12Page - International Rectifier IR2159S Datasheet HTML 13Page - International Rectifier IR2159S Datasheet HTML 14Page - International Rectifier IR2159S Datasheet HTML 15Page - International Rectifier IR2159S Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
IR21592/IR21593(S)
12
www.irf.com
Graph 10. VFMIN vs Temperature
(IR21592/IR21593)
Graph 9. IPH vs Temperature
(IR21592/IR21593)
Graph 12. Frequency vs Temperature (IR21593)
RFMIN=39K
Graph 11. Frequency vs Temperature (IR21592)
RFMIN=39K
0
20
40
60
80
100
-25
0
25
50
75
100
125
Temperature °C
VVCO=3V
VVCO=5V
VVCO=0V
0
40
80
120
160
-25
0
25
50
75
100
125
Temperature °C
VVCO=3V
VVCO=5V
VVCO=0V
20
24
28
32
36
40
-25
0
25
50
75
100
125
Temperature °C
4
4.4
4.8
5.2
5.6
6
-25
0
25
50
75
100
125
Temperature °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com