Electronic Components Datasheet Search
  English  ▼

X  

IR2159S Datasheet(PDF) 5 Page - International Rectifier

Part # IR2159S
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2159S Datasheet(HTML) 5 Page - International Rectifier

  IR2159S Datasheet HTML 1Page - International Rectifier IR2159S Datasheet HTML 2Page - International Rectifier IR2159S Datasheet HTML 3Page - International Rectifier IR2159S Datasheet HTML 4Page - International Rectifier IR2159S Datasheet HTML 5Page - International Rectifier IR2159S Datasheet HTML 6Page - International Rectifier IR2159S Datasheet HTML 7Page - International Rectifier IR2159S Datasheet HTML 8Page - International Rectifier IR2159S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
IR21592/IR21593(S)
www.irf.com
5
Electrical Characteristics (cont.)
VCC = VBS = VBIAS = 14V +/- 0.25V, VCS = 0.5V, VSD = 0.0V, RFMIN = 40k, CVCO = 10 nF, VDIM = 0.0V, RMAX = 33k,
RMIN = 56k, VTPH = 0.0V, CLO,HO = 1000pF, TA = 25
oC unless otherwise specified.
Symbol
Definition
Min.
Typ.
Max.
Units
Test Conditions
VFMIN
FMIN pin voltage during normal operation
4.6
5.1
6.25
V
VMIN=1.5V,VIPH=0.5V
VFMINFLT
FMIN pin voltage during fault mode
—
0.0
—
V
SD = 5V, or CS = 2V,
or Tj > TSD
Minimum Frequency Setting
VSDTH+
Rising shutdown pin threshold voltage
1.6
2.0
2.6
VCPH =VIPH=0V
VCSTH
Peak over current threshold
1.2
1.6
1.9
VCPH < 5V
VVDCTH+
Rising VDC pin threshold voltage
—
5.1
—
VCPH=VCS=VSD=0V
VSDHYS
SD threshold hysteresis
—
150
—
mV
VCPH =VIPH=0V
VVDCHYS
VDC threshold hysteresis
—
2.1
—
VCPH=VCS=VSD=0V
VSDCLMP
SD pin clamp voltage
—
7.6
—
ISD = 100mA
TSD
Thermal shutdown junction temperature
—
165
—
oC
Protection Characteristics
V
V
VCSTHZX
Zero-crossing threshold voltage
—
0.0
—
V
VCPH =5.5V,VIPH=0.5V
tBlank
Zero-crossing internal blank time
291
400
1030
ns
VCPH =5.5V,VIPH=0.5V
Phase Control
VDIMOFF
DIM pin offset voltage
—
0.5
—
VMINMIN
DIM minimum reference voltage (MIN pin)
—
1.0
—
VCPH=5.5V,VIPH=0.5V
VMINMAX
DIM maximum reference voltage (MIN pin)
—
3.0
—
VCPH =0.5V,VIPH=0.5V
Dimming Interface
V
Preheat Characteristics
ICPH
CPH pin charging current
0.8
1.3
2.1
µA
VCPH=VDIM=4.7V,
VCS=1.0V
VCPHIGN
CPH pin ignition mode threshold voltage
4.3
5.0
5.7
VCS=2.0V
VCPHCLMP
CPH pin clamp voltage
—
10
—
VCS=VDIM=VIPH=0V
IIPH
IPH pin DC source current
—25
—
µA
VCPH=VDIM=4.7V,
IIPH=1/RFMIN
VCSTHPH
Peak preheat current regulation threshold
—
0.7
—
V
RIPH=27K, VMIN=0V,
VCPH=0V, VCSTH =
(IIPH) x (RIPH)
VCPHFLT
CPH pin voltage during UVLO or fault
—
0.0
—
V
SD = 5V, or CS = 2V,
or Tj > TSD
V
Ignition Detection
IIPHIGN+
IPH source current (Vcs rising)
—
30
—
VCS=0V, RIPH=18K,
VCPH>5.1V
IIPHIGN-
IPH source current (Vcs falling)
—
27.5
—
VCS =1.0V,
VCPH>5.1V
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com