Electronic Components Datasheet Search
  English  ▼

X  

IR2159S Datasheet(PDF) 15 Page - International Rectifier

Part # IR2159S
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2159S Datasheet(HTML) 15 Page - International Rectifier

Back Button IR2159S Datasheet HTML 11Page - International Rectifier IR2159S Datasheet HTML 12Page - International Rectifier IR2159S Datasheet HTML 13Page - International Rectifier IR2159S Datasheet HTML 14Page - International Rectifier IR2159S Datasheet HTML 15Page - International Rectifier IR2159S Datasheet HTML 16Page - International Rectifier IR2159S Datasheet HTML 17Page - International Rectifier IR2159S Datasheet HTML 18Page - International Rectifier IR2159S Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
IR21592/IR21593(S)
www.irf.com
15
-90.0
-85.0
-80.0
-75.0
-70.0
-65.0
-60.0
0
5
10
15
20
25
30
Lamp Pow er [Watts]
Figure 4, Lamp power vs. phase of output stage.
Under-voltage Lock-Out (UVLO)
The IR21592/IR21593 undervoltage lock-out is
designed to maintain an ultra low quiescent
current of less than 200uA, while guaranteeing
the IC is fully functional before the high and low
side output drivers are activated. Figure 5 shows
an efficient supply voltage using the start-up
current of the IR21592/IR21593 together with a
charge pump from the ballast output stage (R1,
C1, C2, D1 and D2).
16
15
14
13
12
11
LO
COM
VCC
VB
VS
HO
Rectified
AC Line
Half-Bridge
Output
C1
R1
D1
D2
Q2
Q1
RVDC
C2
V
BUS (+)
D3
C3
RCS
V
BUS (-)
1
VDC
R3
CVDC
DISCHARGE
TIME
INTERNAL
CLAMP VOLTAGE
VHYST
V
UVLO+
V
UVLO-
CHARGE PUMP
OUTPUT
t
V
C1
R1 & C1 TIME
CONSTANT
C1
DISCHARGE
Figure 6, Start-up capacitor (C1) voltage.
During the discharge cycle, the rectified current
from the charge pump charges the capacitor above
the minimum operating voltage of the device and
the charge pump and internal 15.6V zener clamp
of the IC take over as the supply voltage. The
start-up capacitor and snubber capacitor must be
selected such that worst case IC conditions are
satisfied. A bootstrap diode (D3) and supply
capacitor (C3) comprise the supply voltage for
the high side driver circuitry. To guarantee that
the high-side supply is charged up before the first
pulse on pin HO, the first pulse from the output
drivers comes from the LO pin. During UVLO,
the high and low side driver outputs are low, pin
VCO is pulled-up internally to 5V resetting the
starting frequency to the maximum, and pin CPH
is short-circuited internally to COM resetting the
preheat time.
Figure 5, Typical application of start-up circuitry.
The start-up capacitor (C1) is charged by current
through resistor (R1) minus the start-up current
drawn by the IC. This resistor is typically chosen
to provide 2X the maximum start-up current at
low line to guarantee start-up under the worst case
condition. Once the capacitor voltage reaches the
start-up threshold, and, the voltage on pin VDC is
above 5.1V (see Brown-out Protection), the IC
turns on and HO and LO begin to oscillate. The
capacitor begins to discharge due to the increase
in IC operating current (Figure 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com