Electronic Components Datasheet Search
  English  ▼

X  

IR2159S Datasheet(PDF) 16 Page - International Rectifier

Part # IR2159S
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2159S Datasheet(HTML) 16 Page - International Rectifier

Back Button IR2159S Datasheet HTML 12Page - International Rectifier IR2159S Datasheet HTML 13Page - International Rectifier IR2159S Datasheet HTML 14Page - International Rectifier IR2159S Datasheet HTML 15Page - International Rectifier IR2159S Datasheet HTML 16Page - International Rectifier IR2159S Datasheet HTML 17Page - International Rectifier IR2159S Datasheet HTML 18Page - International Rectifier IR2159S Datasheet HTML 19Page - International Rectifier IR2159S Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
IR21592/IR21593(S)
16
www.irf.com
Brown-out Protection
In addition to the voltage on VCC being above
the start-up threshold, pin VDC must also be
above 5.1V for HO and LO to begin oscillating. A
voltage divider (R3,RVDC) from the rectified AC
line connected to pin VDC measures the rectified
AC line input voltage to the ballast and programs
the turn-on and turn-off line voltages. A filter
capacitor (CVDC) is also connected to pin VDC
that must be chosen such that the ripple is low
enough and the lower turn-off threshold of 3V is
not crossed during normal line conditions. This
detection is necessary due to the possibility of
the lamp extinguishing during low-line conditions
before the IC is properly reset. Should a brown-
out occur, the DC bus can drop to a level below
the minimum required for the tank circuit to
maintain the necessary lamp voltage. This
detection will insure a clean turn-off before the
DC bus drops too low and properly resets the
IC to the preheat mode when the line returns.
Preheat (PH)
The IR21592/IR21593 enters preheat mode
when VCC exceeds the UVLO+ threshold and
VDC exceeds 5.1V.
HO and LO begin to
oscillate at the maximum operating frequency
with 50% duty cycle and at the internally set
dead-time of 2us (IR21592) or 1
µs (IR21593). Pin
CPH is disconnected from COM and an internal
1uA current source (Figure 7) charges the external
timing capacitor on CPH linearly.
3
7.6V
2
1uA
7
8
CPH
FMIN
IPH
VCO
11
12
COM
LO
10
CS
1uA
60uA
I
FMIN
1/R
FMIN
5.1V
Q2
RCS
VCO
PH
LOGIC
16
HO
Q2
15
VS
R
FMIN
R
IPH
C
CPH
C
VCO
Half
Bridge
Output
I
LOAD
V
BUS(+)
V
BUS(-)
Load
Return
Half
Bridge
Driver
IR21592/IR21593
Figure 7, IR21592/IR21593 preheat circuitry.
An internal 1uA current source slowly discharges
the external capacitor on pin VCO and the voltage
on pin VCO begins to decrease. This decreases
the frequency, which, for operating frequencies
above resonance, increases the load current.
When the peak voltage measured on pin CS,
produced by a portion of the load current flowing
through an external sense resistor (RCS), exceeds
the voltage level on pin IPH, a 60uA internal
current source is connected to pin VCO and the
capacitor charges (Figure 8). This forces the
frequency to increase and the load current to
decrease. When the voltage on pin CS decreases
below the voltge on pin IPH, the 60uA current
source is disconnected and the frequency
decreases again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com