Electronic Components Datasheet Search
  English  ▼

X  

IR2159S Datasheet(PDF) 22 Page - International Rectifier

Part # IR2159S
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2159S Datasheet(HTML) 22 Page - International Rectifier

Back Button IR2159S Datasheet HTML 17Page - International Rectifier IR2159S Datasheet HTML 18Page - International Rectifier IR2159S Datasheet HTML 19Page - International Rectifier IR2159S Datasheet HTML 20Page - International Rectifier IR2159S Datasheet HTML 21Page - International Rectifier IR2159S Datasheet HTML 22Page - International Rectifier IR2159S Datasheet HTML 23Page - International Rectifier IR2159S Datasheet HTML 24Page - International Rectifier IR2159S Datasheet HTML 25Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
IR21592/IR21593(S)
22
www.irf.com
The operating frequency [Hz] at maximum lamp
power is given as:
The cathode heating current at minimum lamp
power is given as:
2
%
1
%
1
%
1
C
f
V
I
Cath
π
=
(7)
Design Constraints
The inductor and capacitor values should be
iterated until the following design constraints have
been fulfilled (Table II).
Design Constraint
Reason
VV
ph
ph
<
max
Ignition during pre-
heat
ff
kHz
ph
ign
−> 5
Production tolerances
II
ign
ign
<
max
Inductor saturation
min
%
1
Cath
Cath
I
I
≥
Lamp
extinguishing
during dimming
Table II, Ballast design constraints
IR21592/IR21593 Programmable Inputs
In order to program the MIN and MAX settings of
the dimming interface, the phase of the output
stage current at minimum and maximum lamp
power must be calculated. This is obtained using
the following equations:
2
2
2
%
100
2
4
%
100
2
2
%
100
4
%
100
2
2
%
100
%
100
4
1
32
1
32
1
2
1
C
L
V
V
V
C
P
LC
V
C
P
LC
f
DC 

−
−
−
+
−
=
π
π
(6)
Ballast Output Stage
The components comprising the output stage are
selected using a set of equations. Different ballast
operating frequencies and their respective
voltages and currents are calculated.
The inductor and capacitor values are obtained
using equations (2) through (7). The results of
these equations reveal the location of each
operating frequency and the corresponding
voltages and currents. For a given L, C, DC bus
voltage, and pre-heat current, the resulting voltage
over the lamp during pre-heat is given as:
The resulting operating frequency during pre-heat
is given as:
ph
ph
ph
CV
I
f
π
2
=
[Hz]
(3)
The resulting operating frequency during ignition
is given as:
LC
V
V
f
ign
DC
ign
π
π
4
1
2
1
+
=
[Hz]
(4)
The total load current during ignition is given as:
If
CV
ign
ign
ign
=
2
π
[App] (5)
π
π
DC
ph
DC
ph
V
I
C
L
V
V
2
8
2
2
1
2
2
−
+
=
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com