Electronic Components Datasheet Search
  English  ▼

X  

DS178 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # DS178
Description  Highest power density, superior efficiency, powered by leading Chip Scale Package (CSP) technology
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS178 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button DS178 Datasheet HTML 2Page - Lumileds Lighting Company DS178 Datasheet HTML 3Page - Lumileds Lighting Company DS178 Datasheet HTML 4Page - Lumileds Lighting Company DS178 Datasheet HTML 5Page - Lumileds Lighting Company DS178 Datasheet HTML 6Page - Lumileds Lighting Company DS178 Datasheet HTML 7Page - Lumileds Lighting Company DS178 Datasheet HTML 8Page - Lumileds Lighting Company DS178 Datasheet HTML 9Page - Lumileds Lighting Company DS178 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
DS178 LUXEON UV U Line Product Datasheet 20170711 ©2017 Lumileds Holding B.V. All rights reserved.
5
Optical Characteristics
Table 2a . Optical characteristics for LUXEON UV U1 at 500mA, T
j=25°C .
Part numBer
tyPIcal sPectral
halF-WIdth (nm)
tyPIcal temPerature
coeFFIcIent oF PeaK
WaVelength (nm/°c)
tyPIcal total
Included angle [1]
tyPIcal
VIeWIng angle [2]
LHUV-0415-Axxx
13.7
0.05
170°
140°
LHUV-0405-Axxx
12.0
0.05
170°
140°
LHUV-0395-Axxx
11.0
0.05
170°
140°
LHUV-0385-Axxx
9.0
0.05
170°
140°
Notes for Table 2a:
1. Total angle at which 90% of total luminous flux is captured.
2. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value.
Table 2b . Optical characteristics for LUXEON UV U2 at 1000mA, T
j=25°C .
Part numBer
tyPIcal sPectral
halF-WIdth (nm)
tyPIcal temPerature
coeFFIcIent oF PeaK
WaVelength (nm/°c)
tyPIcal total
Included angle [1]
tyPIcal
VIeWIng angle [2]
L1F3-U41020000xxxx
13.7
0.05
165°
138°
L1F3-U40020000xxxx
12.0
0.05
165°
138°
L1F3-U39020000xxxx
11.0
0.05
165°
138°
L1F3-U38020000xxxx
9.0
0.05
165°
138°
Notes for Table 2a:
1. Total angle at which 90% of total luminous flux is captured.
2. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value.
Electrical and Thermal Characteristics
Table 3a . Electrical and thermal characteristics for LUXEON UV U1 at 500mA, T
j=25ºC .
Part numBer
ForWard Voltage [1] (V)
tyPIcal temPerature
coeFFIcIent oF ForWard
Voltage [2] (mV/°c)
tyPIcal thermal
resIstance—JunctIon
to solder Pad (°c/W)
mInImum
maXImum
LHUV-0415-Axxx
2.9
3.4
-1.6
2.5
LHUV-0405-Axxx
2.9
3.4
-1.3
3.0
LHUV-0395-Axxx
2.9
3.4
-1.4
3.5
LHUV-0385-Axxx
2.9
3.4
-1.5
4.5
Notes for Table 3a:
1. Lumileds maintains a tolerance of ±0.05V on forward voltage measurements.
2. Measured between 25°C and 85°C.
Table 3b . Electrical and thermal characteristics for LUXEON UV U2 at 1000mA, T
j=25ºC .
Part numBer
ForWard Voltage [1] (V)
tyPIcal temPerature
coeFFIcIent oF ForWard
Voltage [2] (mV/°c)
tyPIcal thermal
resIstance—JunctIon
to solder Pad (°c/W)
mInImum
maXImum
L1F3-U41020000xxxx
2.8
3.4
-1 to -2
2.1
L1F3-U40020000xxxx
2.8
3.4
-1 to -2
2.3
L1F3-U39020000xxxx
2.8
3.4
-1 to -2
2.5
L1F3-U38020000xxxx
2.8
3.6
-1 to -2
2.7
Notes for Table 3b:
1. Lumileds maintains a tolerance of ±0.05V on forward voltage measurements.
2. Measured between 25°C and 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com