Electronic Components Datasheet Search
  English  ▼

X  

DS178 Datasheet(PDF) 19 Page - Lumileds Lighting Company

Part # DS178
Description  Highest power density, superior efficiency, powered by leading Chip Scale Package (CSP) technology
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS178 Datasheet(HTML) 19 Page - Lumileds Lighting Company

Back Button DS178 Datasheet HTML 15Page - Lumileds Lighting Company DS178 Datasheet HTML 16Page - Lumileds Lighting Company DS178 Datasheet HTML 17Page - Lumileds Lighting Company DS178 Datasheet HTML 18Page - Lumileds Lighting Company DS178 Datasheet HTML 19Page - Lumileds Lighting Company DS178 Datasheet HTML 20Page - Lumileds Lighting Company DS178 Datasheet HTML 21Page - Lumileds Lighting Company DS178 Datasheet HTML 22Page - Lumileds Lighting Company DS178 Datasheet HTML 23Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
DS178 LUXEON UV U Line Product Datasheet 20170711 ©2017 Lumileds Holding B.V. All rights reserved.
18
Mechanical Dimensions
Notes for Figures 10a and 10b:
1. Drawings are not to scale.
2. All dimensions are in millimeters.
Figure 10a . Mechanical dimensions for LUXEON UV U1 .
Figure 10b . Mechanical dimensions for LUXEON UV U2 .
Theoretical
Optical
Center
1.30 ±0.10*
TOP VIEW
BOTTOM VIEW
1
2
SIDE VIEW
3
A
0.66 ±0.10*
ANODE
CATHODE
0.40 ±0.05
0.25 ±0.05
1.05 ±0.05
0.40 ±0.05
LINEAR:
XX.
0.25mm
XX.X
0.10mm
XX.XX
0.05mm
TOLERANCES
(UNLESS OTHERWISE SPECIFIED)
ANGULAR:
XX.
1
XX.X
0 30'
XX.XX
0 00'30"
A
0.66 ±0.10*
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
2
3
ANODE
CATHODE
0.30 ±0.05
1.50 ±0.05
0.60 ±0.05
0.60 ±0.05
Theoretical
Optical
Center
1.72 ±0.10*
LINEAR:
XX.
0.25mm
XX.X
0.10mm
XX.XX
0.05mm
TOLERANCES
(UNLESS OTHERWISE SPECIFIED)
ANGULAR:
XX.
1
XX.X
030'
XX.XX
0 00'30"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com