Electronic Components Datasheet Search
  English  ▼

X  

DS178 Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part # DS178
Description  Highest power density, superior efficiency, powered by leading Chip Scale Package (CSP) technology
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS178 Datasheet(HTML) 7 Page - Lumileds Lighting Company

Back Button DS178 Datasheet HTML 3Page - Lumileds Lighting Company DS178 Datasheet HTML 4Page - Lumileds Lighting Company DS178 Datasheet HTML 5Page - Lumileds Lighting Company DS178 Datasheet HTML 6Page - Lumileds Lighting Company DS178 Datasheet HTML 7Page - Lumileds Lighting Company DS178 Datasheet HTML 8Page - Lumileds Lighting Company DS178 Datasheet HTML 9Page - Lumileds Lighting Company DS178 Datasheet HTML 10Page - Lumileds Lighting Company DS178 Datasheet HTML 11Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DS178 LUXEON UV U Line Product Datasheet 20170711 ©2017 Lumileds Holding B.V. All rights reserved.
6
Absolute Maximum Ratings
Table 4 . Absolute maximum ratings for LUXEON UV U Line .
Parameter
maXImum PerFormance
DC Forward Current [1,2]
1000mA for LUXEON UV U1
2000mA for LUXEON UV U2
Peak Pulsed Forward Current [1,3]
1300mA for LUXEON UV U1
2600mA for LUXEON UV U2
LED Junction Temperature [1] (DC & Pulse)
120°C
ESD Sensitivity (ANSI/ESDA/JEDEC JS-001-2012)
Class 3B
Operating Case Temperature [1]
-40°C to 120°C
LED Storage Temperature
-40°C to 135°C
Soldering Temperature
260 ±3°C
Allowable Reflow Cycles
3
Reverse Voltage (V
reverse)
LUXEON UV U Line LEDs are not designed to be driven in reverse bias
Notes for Table 4:
1. Proper current derating must be observed to maintain the junction temperature below the maximum allowable junction temperature.
2. Residual periodic variations due to power conversion from alternating current (AC) to direct current (DC), also called “ripple,” are acceptable if the following conditions are met:
– The frequency of the ripple current is 100Hz or higher
– The average current for each cycle does not exceed the maximum allowable DC forward current
– The maximum amplitude of the ripple does not exceed 15% of the maximum allowable DC forward current
3. At 10% duty cycle with pulse width of 10ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com