Electronic Components Datasheet Search
  English  ▼

X  

DS178 Datasheet(PDF) 16 Page - Lumileds Lighting Company

Part # DS178
Description  Highest power density, superior efficiency, powered by leading Chip Scale Package (CSP) technology
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS178 Datasheet(HTML) 16 Page - Lumileds Lighting Company

Back Button DS178 Datasheet HTML 12Page - Lumileds Lighting Company DS178 Datasheet HTML 13Page - Lumileds Lighting Company DS178 Datasheet HTML 14Page - Lumileds Lighting Company DS178 Datasheet HTML 15Page - Lumileds Lighting Company DS178 Datasheet HTML 16Page - Lumileds Lighting Company DS178 Datasheet HTML 17Page - Lumileds Lighting Company DS178 Datasheet HTML 18Page - Lumileds Lighting Company DS178 Datasheet HTML 19Page - Lumileds Lighting Company DS178 Datasheet HTML 20Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
DS178 LUXEON UV U Line Product Datasheet 20170711 ©2017 Lumileds Holding B.V. All rights reserved.
15
Product Bin and Labeling Definitions
Decoding Product Bin Labeling
In the manufacturing of semiconductor products, there are variations in performance around the average values given in the
technical datasheet. For this reason, Lumileds bins LED components for luminous flux or radiometric power, color point, peak or
dominant wavelength and forward voltage.
LUXEON UV U1 LEDs are labeled using a 3-digit alphanumeric CAT code following the format below:
A B C
A
–
designates radiometric power bin (example: D=400 to 450mW, J=700 to 750mW)
B
–
designates peak wavelength bin (example: A=380 to 385nm, E=400 to 405nm)
C
–
designates forward voltage bin (example: 8=2.8 to 2.9 volts, 0=3.0 to 3.1 volts)
Therefore, a LUXEON UV U1 with a radiometric power range of 400 to 450mW, peak wavelength range of 400 to 405nm and a
forward voltage range of 3.0 to 3.1V has the following CAT code:
D E 0
LUXEON UV U2 LEDs are labeled using a 4-digit alphanumeric CAT code following the format below:
A x B C
A x –
designates radiometric power bin (example: A1=400 to 600mW, D1=1000 to 1200mW)
B
–
designates peak wavelength bin (example: A=380 to 385nm, E=400 to 405nm)
C
–
designates forward voltage bin (example: 8=2.8 to 2.9 volts, 0=3.0 to 3.1 volts)
Therefore, a LUXEON UV U2 with a radiometric power range of 1000 to 1200mW, peak wavelength range of 400 to 405nm and a
forward voltage range of 3.0 to 3.2V has the following CAT code:
D 1 E V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com