Electronic Components Datasheet Search
  English  ▼

X  

DS178 Datasheet(PDF) 18 Page - Lumileds Lighting Company

Part # DS178
Description  Highest power density, superior efficiency, powered by leading Chip Scale Package (CSP) technology
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS178 Datasheet(HTML) 18 Page - Lumileds Lighting Company

Back Button DS178 Datasheet HTML 14Page - Lumileds Lighting Company DS178 Datasheet HTML 15Page - Lumileds Lighting Company DS178 Datasheet HTML 16Page - Lumileds Lighting Company DS178 Datasheet HTML 17Page - Lumileds Lighting Company DS178 Datasheet HTML 18Page - Lumileds Lighting Company DS178 Datasheet HTML 19Page - Lumileds Lighting Company DS178 Datasheet HTML 20Page - Lumileds Lighting Company DS178 Datasheet HTML 21Page - Lumileds Lighting Company DS178 Datasheet HTML 22Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
DS178 LUXEON UV U Line Product Datasheet 20170711 ©2017 Lumileds Holding B.V. All rights reserved.
17
Peak Wavelength Bins
Table 6. Peak wavelength definitions for LUXEON UV U Line.
BIn
PeaK WaVelength [1] (nm)
mInImum
maXImum
A
380
385
B
385
390
C
390
395
D
395
400
E
400
405
F
405
410
G
410
415
H
415
420
Notes for Table 6:
1. Lumileds maintains a tolerance of ±2nm on peak wavelength measurements.
Forward Voltage Bins
Table 7. Forward voltage bin definitions for LUXEON UV U Line.
BIn
ForWard Voltage [1] (V)
mInImum
maXImum
7
2.7
2.8
8
2.8
2.9
9
2.9
3.0
0
3.0
3.1
1
3.1
3.2
2
3.2
3.3
3
3.3
3.4
4
3.4
3.5
T
2.8
3.0
V
3.0
3.2
W
3.2
3.4
X
3.4
3.6
Notes for Table 7:
1. Lumileds maintains a tolerance of ±0.05V on forward voltage measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com