Electronic Components Datasheet Search
  English  ▼

X  

DS178 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # DS178
Description  Highest power density, superior efficiency, powered by leading Chip Scale Package (CSP) technology
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS178 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  DS178 Datasheet HTML 1Page - Lumileds Lighting Company DS178 Datasheet HTML 2Page - Lumileds Lighting Company DS178 Datasheet HTML 3Page - Lumileds Lighting Company DS178 Datasheet HTML 4Page - Lumileds Lighting Company DS178 Datasheet HTML 5Page - Lumileds Lighting Company DS178 Datasheet HTML 6Page - Lumileds Lighting Company DS178 Datasheet HTML 7Page - Lumileds Lighting Company DS178 Datasheet HTML 8Page - Lumileds Lighting Company DS178 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
IllumInatIon
DS178 LUXEON UV U Line Product Datasheet ©2017 Lumileds Holding B.V. All rights reserved.
RoHS
COMPLIANT
At a micro package size compared to other ultraviolet and violet LEDs,
LUXEON UV U Line LEDs are SMT devices that can be assembled in
tight arrays with spacing of only 200 microns, which enables high power
density (W/cm²) systems for superior efficiency and design freedom.
These products are undomed for precise optical control and include a
portfolio of 1mm² and 2mm² die sizes covering ultraviolet and violet light.
The superior power density, excellent robustness of CSP technology and
real world efficacy enable leading performance and efficient solution
development in a wide variety of UV specialty lighting applications.
Features and BeneFIts
PrImary aPPlIcatIons
Offering ultraviolet in 380-400nm and violet (400–420nm) for a range of options
Specialty Lighting
Small 2.2 to 3.6mm² SMT footprint enables highest W/cm2 power density,
design freedom
– Analytical Instrumentation
1A per mm2 die size maximum drive current allows more power per LED
– Curing
Up to 50%+ efficiency reduces heat output
– Medical
AlN package R
th as low as 1.8 K/W for better thermal management
– Security
– UV Photoreaction
luXeon uV u line
Highest power density, superior efficiency, powered
by leading Chip Scale Package (CSP) technology


Similar Part No. - DS178

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1780 DALLAS-DS1780 Datasheet
372Kb / 28P
CPU Peripheral Monitor
logo
Maxim Integrated Produc...
DS1780 MAXIM-DS1780 Datasheet
343Kb / 28P
CPU Peripheral Monitor
032305
logo
Dallas Semiconductor
DS17885 DALLAS-DS17885 Datasheet
410Kb / 38P
3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS17885 MAXIM-DS17885 Datasheet
319Kb / 30P
Real-Time Clocks
Rev 0; 4/06
DS17885 MAXIM-DS17885 Datasheet
333Kb / 31P
Real-Time Clocks
Rev 1; 4/10
More results

Similar Description - DS178

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPRC030 CALMIRCO-CSPRC030 Datasheet
44Kb / 3P
CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
CSPRC032 CALMIRCO-CSPRC032 Datasheet
44Kb / 3P
CHIP SCALE PACKAGE(CSP) EMI FILTER NETWORK
logo
Yamaichi Electronics Co...
NP284-26409N YAMAICHI-NP284-26409N Datasheet
82Kb / 1P
Chip Scale Package (CSP, 0.50mm Pitch)
NP383-18010-N YAMAICHI-NP383-18010-N Datasheet
174Kb / 1P
Chip Scale Package -TH (CSP, 0.50mm Pitch)
logo
Total Power Internation...
MJW25 TOTAL-POWER-MJW25 Datasheet
539Kb / 10P
Highest Power Density
logo
Recom International Pow...
RS6 RECOM-RS6 Datasheet
402Kb / 7P
Highest Power Density In SIP Package
logo
Lumileds Lighting Compa...
DS116 LUMILEDS-DS116 Datasheet
1Mb / 17P
High current density Chip Scale Package (CSP) LED
PB116 LUMILEDS-PB116 Datasheet
1Mb / 2P
High current density Chip Scale Package (CSP) LED
PB178 LUMILEDS-PB178 Datasheet
1Mb / 2P
Highest power density, superior efficiency, powered by leading Chip Scale Package (CSP) technology
LHUV-0415-A070 LUMILEDS-LHUV-0415-A070 Datasheet
1Mb / 23P
Highest power density, superior efficiency, powered by leading Chip Scale Package (CSP) technology
20180531
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com