Electronic Components Datasheet Search
  English  ▼

X  

MSP3410B Datasheet(PDF) 49 Page - Micronas

Part # MSP3410B
Description  Multistandard Sound Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410B Datasheet(HTML) 49 Page - Micronas

Back Button MSP3410B Datasheet HTML 45Page - Micronas MSP3410B Datasheet HTML 46Page - Micronas MSP3410B Datasheet HTML 47Page - Micronas MSP3410B Datasheet HTML 48Page - Micronas MSP3410B Datasheet HTML 49Page - Micronas MSP3410B Datasheet HTML 50Page - Micronas MSP3410B Datasheet HTML 51Page - Micronas MSP3410B Datasheet HTML 52Page - Micronas MSP3410B Datasheet HTML 53Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
PRELIMINARY DATA SHEET
MSP 3410 B
49
ITT Semiconductors
Test Condition
Unit
Max.
Typ.
Min.
Pin Name
Parameter
Symbol
ASCtoSC
Gain from Analog Input
to SCART Output
SCn_IN_s1)
MONO_IN
→
–1.0
0
+0.5
dB
fsignal = 1 kHz
frSCtoSC
Frequency Response from Analog
Input to SCART Output
bandwidth: 0 to 20000 Hz
→
SCn_OUT_s1)
–0.5
0
+0.5
dB
with resp. to 1 kHz
VoutSC
Effective Signal Level at SCART-
Output during full-scale digital in-
put signal from DSP
SCn_OUT_s1)
1.8
1.9
2.0
VRMS
fsignal = 1 kHz
Main and AUX Outputs
RoutMA
Main/AUX Output Resistance
at Tj = 27 °C
from TA = 0 to 70 °C
DACp_s1)
2.1
2.1
3.3
4.6
5.0
k
Ω
k
Ω
fsignal = 1 kHz, I = 0.1 mA
VoutDCMA
DC-Level at Main/AUX-Output
for Analog Volume at 0 dB
for Analog Volume at –30 dB
1.74
–
1.94
61
2.14
–
V
mV
VoutMA
Effective Signal Level at Main/
AUX-Output during full-scale digi-
tal input signal from DSP for Ana-
log Volume at 0 dB
1.23
1.37
1.51
VRMS
fsignal = 1 kHz
Analog Performance
SNR
Signal-to-Noise Ratio
from Analog Input to DSP
MONO_IN,
SCn_IN_s1)
82
88
dB
Input Level = –20 dB with
resp. to VAICL, fsig=1 kHz,
equally weighted
20 Hz ... 16 kHz2)
from Analog Input to
SCART Output
MONO_IN,
SCn_IN_s1)
→
SCn_OUT_s1)
93
96
dB
Input Level = –20 dB,
fsig = 1 kHz,
equally weighted
20 Hz ... 20 kHz
from DSP to SCART Output
SCn_OUT_s1)
85
88
dB
Input Level = –20 dB,
fsig = 1 kHz,
equally weighted
20 Hz ... 15 kHz3)
from DSP to Main/AUX-Output
for Analog Volume at 0 dB
for Analog Volume at –30 dB
DACp_s1)
85
78
88
83
dB
dB
Input Level = –20 dB,
fsig =1 kHz,
equally weighted
20 Hz ... 15 kHz3)
1)
“n” means “1”, “2” or “3”,
“s” means “L” or “R”,
“p” means “M” or “A”
2)
DSP measured at I2S-Output
3)
DSP Input at I2S-Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com