Electronic Components Datasheet Search
  English  ▼

X  

MSP3410B Datasheet(PDF) 6 Page - Micronas

Part # MSP3410B
Description  Multistandard Sound Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410B Datasheet(HTML) 6 Page - Micronas

Back Button MSP3410B Datasheet HTML 2Page - Micronas MSP3410B Datasheet HTML 3Page - Micronas MSP3410B Datasheet HTML 4Page - Micronas MSP3410B Datasheet HTML 5Page - Micronas MSP3410B Datasheet HTML 6Page - Micronas MSP3410B Datasheet HTML 7Page - Micronas MSP3410B Datasheet HTML 8Page - Micronas MSP3410B Datasheet HTML 9Page - Micronas MSP3410B Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
PRELIMINARY DATA SHEET
MSP 3410 B
6
ITT Semiconductors
3. Application Fields of the MSP 3410 B
In the following sections, a brief overview about the two
main TV sound standards, NICAM 728 and German FM-
Stereo, demonstrates the complex requirements of a
multistandard audio IC.
3.1. NICAM plus FM-Mono
According to the British, Scandinavian and Spanish TV-
standards, high quality stereo sound is transmitted digi-
tally. The systems allow two high quality digital sound
channels to be added to the already existing FM chan-
nel. The sound coding follows the format of the so-called
Near Instantaneous Companding System (NICAM 728).
Transmission is performed using Differential Quadra-
ture Phase Shift Keying (DQPSK). Table 3–2 gives
some specifications of the sound coding (NICAM); Table
3–3 offers an overview of the modulation parameters.
In the case of NICAM/FM mode there are three different
audio channels available: NICAM A,NICAM B and FM-
mono. NICAM A and B may belong either to a stereo or
to a dual language transmission. Information about op-
eration mode and about the quality of the NICAM signal
can be read by the CCU via the control bus. In the case
of low quality (high bit error rate) the CCU may decide
to switch to the analog FM-mono sound.
3.2. German 2-Carrier System (DUAL FM System)
Since September 1981, stereo and dual sound pro-
grams have been transmitted in Germany using the
2-carrier system. Sound transmission consists of the al-
ready existing first sound carrier and a second sound
carrier additionally containing an identification signal.
Some more details of this standard are given in Table
3–4.
Table 3–1: European TV standards
TV-System
Position of Sound
Carrier /MHz
Sound
Modulation
Color System
Country
B/G
5.5/5.74
FM-Stereo
PAL
Germany
B/G
5.5/5.85
FM-Mono/NICAM
PAL
Scandinavia,Spain
L
6.5/5.85
AM-Mono/NICAM
SECAM
France
I
6.0/6.552
FM-Mono/NICAM
PAL
UK
D,K
6.5
FM-Mono
SECAM
USSR
M
4.5
FM-Mono
NTSC
USA
Satellite
Satellite
6.5
7.02/7.2
FM-Mono
FM-Stereo
PAL
PAL
Europe (ASTRA)
Europe (ASTRA)
Table 3–2: Summary of NICAM 728 sound coding characteristics
Characteristics
Values
Audio sampling frequency
32 kHz
Number of channels
2
Initial resolution
14 bit/sample
Companding characteristics
near instantaneous, with compression to 10 bits/sample in 32-sam-
ples (1 ms) blocks
Coding for compressed samples
2’s complement
Preemphasis
CCITT Recommendation J.17 (6.5 dB attenuation at 800 Hz)
Audio overload level
+12 dBm0 measured at the unity gain frequency of the preemphasis
network (2 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com