Electronic Components Datasheet Search
  English  ▼

X  

MSP3410B Datasheet(PDF) 25 Page - Micronas

Part # MSP3410B
Description  Multistandard Sound Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410B Datasheet(HTML) 25 Page - Micronas

Back Button MSP3410B Datasheet HTML 21Page - Micronas MSP3410B Datasheet HTML 22Page - Micronas MSP3410B Datasheet HTML 23Page - Micronas MSP3410B Datasheet HTML 24Page - Micronas MSP3410B Datasheet HTML 25Page - Micronas MSP3410B Datasheet HTML 26Page - Micronas MSP3410B Datasheet HTML 27Page - Micronas MSP3410B Datasheet HTML 28Page - Micronas MSP3410B Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
PRELIMINARY DATA SHEET
MSP 3410 B
25
ITT Semiconductors
LOAD_SEQ_1/2
Channel 1:
NICAM Parameter
NICAM_START
NICAM_READ
LOAD_SEQ_1
Channel 1:
FM2 Parameter
IDENT_CHECK
Pilot?
LOAD_SEQ_1
Channel 1:
NICAM Parameter
Fig. 11–3: CCU software flow diagram: Standard B/G
with NICAM or FM stereo
1) The first READ could result in incorrect values.
Yes
No
No
FM_
NICAM_CHECK
NICAM
?
START
1)
NICAM_READ
1)
Pause
Yes
Pause
Audio Processing Init
11.6.5. Automatic Search Function for FM-Carrier
Detection
The AM demodulation ability of the MSP 3410 B offers
the possibility to calculate the “field strength” of the mo-
mentarily selected FM carrier which can be read out by
the CCU. In SAT receivers this feature can be used to
realize an automatic FM carrier search.
Therefore, the MSP has to be switched to AM-mode
(Bit 8 of MODE_REG). The sound-IF frequency range
must now be “scanned” in the MSP-channel 2 by means
of the programmable quadrature mixer with an appropri-
ate incremental frequency (i.e. 10 kHz).
After each incrementation there is a field strength value
available at the DC level register FM1, which must be ex-
amined for relative maxima by the CCU. This results in
either continuing search or switching the MSP back to
FM demodulation mode.
During the search process the FIR_REG_2 must be
loaded with the coefficient set “AUTOSEARCH”, which
enables small bandwidth resulting in appropriate field
strength characteristics. The absolute field strength val-
ue (can be read out of “DC Level Readout FM1”) also
gives information on whether a main FM carrier or a sub-
carrier was detected, and as a practical consequence
the FM bandwidth (FIR_REG_1/2) and the deemphasis
(50
µs or adaptive) can be switched automatically. For
a detailed description of the automatic search function
please refer to the corresponding MUBI program.
11.6.6. Automatic Standard Detection
The AM demodulation ability of the MSP 3410 B enables
also a simple method to decide between standard B/G
(FM-carrier at 5.5 MHz) and standard I (FM-carrier at 6.0
MHz). It is achieved by tuning the MSP in the AM-mode
to the two discrete frequencies and evaluating the field
strength via the DC level register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com