Electronic Components Datasheet Search
  English  ▼

X  

MSP3410B Datasheet(PDF) 7 Page - Micronas

Part # MSP3410B
Description  Multistandard Sound Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410B Datasheet(HTML) 7 Page - Micronas

Back Button MSP3410B Datasheet HTML 3Page - Micronas MSP3410B Datasheet HTML 4Page - Micronas MSP3410B Datasheet HTML 5Page - Micronas MSP3410B Datasheet HTML 6Page - Micronas MSP3410B Datasheet HTML 7Page - Micronas MSP3410B Datasheet HTML 8Page - Micronas MSP3410B Datasheet HTML 9Page - Micronas MSP3410B Datasheet HTML 10Page - Micronas MSP3410B Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
PRELIMINARY DATA SHEET
MSP 3410 B
7
ITT Semiconductors
Table 3–3: Summary of NICAM 728 sound modulation parameters
Specification
UK
Scandinavia/Spain
France
Carrier frequency of digital sound
6.552 MHz
5.85 MHz
5.85 MHz
Transmission rate
728 kBit/s 1 part/million
Type of modulation
Differentially encoded quadrature phase shift keying (DQPSK)
Spectrum shaping
Roll off factor
by means of Roll-off filters
Roll-off factor
1.0
0.4
0.4
Carrier frequency of analog sound
component
6.0 MHz
FM mono
5.5 MHz
FM mono
6.5 MHz AM mono
component
FM mono
FM mono
terrestric
cable
Power ratio between vision carrier
and analog sound carrier
10 dB
13 dB
10 dB
16 dB
Power ratio between analog and
modulated digital sound carrier
10 dB
7 dB
17 dB
11 dB
Table 3–4: Key parameters for German 2-carrier sound system
Sound Carriers
Channel FM1
Channel FM2
Intercarrier frequencies
5.5 MHz
5.7421875 MHz
Vision/sound power difference
13 dB
20 dB
Sound bandwidth
40 Hz to 15 kHz
Pre-emphasis
50
µs
Frequency deviation
±50 kHz
Sound Signal Components
Mono transmission
mono
mono
Stereo transmission
(L+R)/2
R
Dual sound transmission
language A
language B
Identification of Transmission Mode on Channel 2
Pilot carrier frequency
54.6875 kHz
Type of modulation
AM
Modulation depth
50%
Modulation frequency
mono:
unmodulated
stereo:
117.5 Hz
dual:
274.1 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com