Electronic Components Datasheet Search
  English  ▼

X  

MSP3410B Datasheet(PDF) 12 Page - Micronas

Part # MSP3410B
Description  Multistandard Sound Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410B Datasheet(HTML) 12 Page - Micronas

Back Button MSP3410B Datasheet HTML 8Page - Micronas MSP3410B Datasheet HTML 9Page - Micronas MSP3410B Datasheet HTML 10Page - Micronas MSP3410B Datasheet HTML 11Page - Micronas MSP3410B Datasheet HTML 12Page - Micronas MSP3410B Datasheet HTML 13Page - Micronas MSP3410B Datasheet HTML 14Page - Micronas MSP3410B Datasheet HTML 15Page - Micronas MSP3410B Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
PRELIMINARY DATA SHEET
MSP 3410 B
12
ITT Semiconductors
cessed at the same time as NICAM. Note that the NI-
CAM input signals are only available in the MSP 3410 B
version. While processing the adaptive deemphasis, no
dual carrier stereo (German or Korean) or NICAM pro-
cessing is possible. Identification values are not valid ei-
ther.
4.4. Dual Carrier FM Stereo/Bilingual Detection
In the German and Korean TV standard, audio informa-
tion can be transmitted in three modes: Mono, stereo or
bilingual. To obtain information about the current audio
operation mode, the MSP 3410 B detects the so-called
identification signal. Information is supplied via the Ste-
reo Detection Register to an external CCU.
IDENT
AM
Demodu-
lation
Stereo
Detection
Register
Stereo
Detection
Filter
Bilingual
Detection
Filter
Level
Detect
Level
Detect
–
Fig. 4–4: Stereo/bilingual detection
Analog
Inputs
Demodulated
IF
Inputs
SBUS
Inputs
I2S Bus
Inputs
Prescale
Adaptive
Deemphasis
Deemphasis
50/75
µs
J17
FM-Matrix
Deemphasis
J17
Loudspeaker
Channel
Matrix
Bass
Treble
Loudness
Spatial Effects
Volume
SCART
Channel
Matrix
Volume
Headphone
Channel
Matrix
Volume
I2S
Channel
Matrix
Loudspeaker L
Loudspeaker R
Headphone L
Headphone R
SCARTL
SCARTR
I2SR
I2SL
Loudspeaker
Outputs
Headphone
Outputs
SCART
Outputs
I2S
Outputs
Balance
Prescale
Quasi-Peak
Detector
SCARTL
SCARTR
NICAMA
NICAMB
SBUS1
SBUS2
SBUS3
SBUS4
I2SL
I2SR
FM1
FM2
Quasi peak readout R
DC level readout FM2
DC level readout FM1
Quasi peak readout L
Beeper
Fig. 4–5: Audio baseband processing (DFP-Firmware)
Note: Actually, the source
of the Quasi-Peak Detector
is always the signal of the
loudspeaker channels.
Internal signal lines (see fig. 4–2)
NICAMA
Prescale
Table 4–1: Some examples for recommended channel assignments for demodulator and audio processing part
Mode
MSP Sound IF-
Channel 1
MSP Sound IF-
Channel 2
FM-
Matrix
Channel-
Select
Channel
Matrix
B/G-Stereo
FM2 (5.74 MHz): 2R
FM1 (5.5 MHz): L+R
B/G Stereo
Speakers: FM
Stereo
B/G-Bilingual
FM2 (5.74 MHz): Sound B
FM1 (5.5 MHz): Sound A
No Matrix
Speakers: FM
H. Phone: FM
Speakers: Sound A
H. Phone: Sound B
NICAM-I-ST/
FM-mono
NICAM (6.552 MHz)
FM (6.0 MHz): mono
No Matrix
Speakers: NICAM
H. Phone: FM
Speakers: Stereo
H. Phone: Sound A
Sat-Mono
not used
FM (6.5 MHz): mono
No Matrix
Speakers: FM
Sound A
Sat-Stereo
7.2 MHz: R
7.02 MHz: L
No Matrix
Speakers: FM
Stereo
Sat-Bilingual
7.38 MHz: Sound C
7.02 MHz: Sound A
No Matrix
Speakers: FM
H. Phone: FM
Speakers: Sound A
H. Phone: Sound B=C
Sat-High Dev.
Mode
don’t care
6.552 MHz
No Matrix
Speakers: FM
H. Phone: FM
Speakers: Sound A
H. Phone: Sound A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com