Electronic Components Datasheet Search
  English  ▼

X  

86115D Datasheet(PDF) 23 Page - Keysight Technologies

Part # 86115D
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D Datasheet(HTML) 23 Page - Keysight Technologies

Back Button 86115D Datasheet HTML 19Page - Keysight Technologies 86115D Datasheet HTML 20Page - Keysight Technologies 86115D Datasheet HTML 21Page - Keysight Technologies 86115D Datasheet HTML 22Page - Keysight Technologies 86115D Datasheet HTML 23Page - Keysight Technologies 86115D Datasheet HTML 24Page - Keysight Technologies 86115D Datasheet HTML 25Page - Keysight Technologies 86115D Datasheet HTML 26Page - Keysight Technologies 86115D Datasheet HTML 27Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
23 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Modules Specifications (Continued)
Clock recovery
The DCA platform offers clock recovery capability in the form of standalone clock recovery solutions such as the N1076/N1077A. For
more information on standalone clock recovery solutions, please download the Electrical and Optical Clock Data Recovery Solutions
datasheet which covers the N1076, N1077 and N1078 solutions. It is available from www.keysight.com/find/N1077A
Typical System Configurations
1. Contact your local Keysight sales representative to help configure a system for your specific application.
DCA plug-in modules (for typical 1 applications)
Trigger Options (select one only):
STR – Standard – for basic eye measurements only
ETR – Enhanced – for pattern waveforms, jitter analysis
and some TDR applications
PTB – Integrated precision timebase for low residual jitter
Remote Connection Options (select one only):
GPI – GPIB card interface installed
GPN – No GPIB card
86100D hardware options
061/062 – Add matlab analysis package
200 – Enhanced jitter analysis
201 – Advanced waveform analysis
202 – Enhanced Impedance and S-Parameters
300 – Advanced amplitude analysis/RIN/Q-scale
500 – Productivity package
SIM – InfiniiSim-DCA de-embedding/embedding
86100DU – 400 PLL and jitter spectrum analysis
86100D – 401 advanced eye analysis (Jitter on PRBS31)
86100D software options (select any):
86100D Infiniium DCA-X Mainframe
Optical
20, 40 Gb/s
86105D-281
34 GHz optical channel
(780 to 1630 nm)
86116C
65 GHz optical channel
80 GHz electrical channel
86107A (#40) or
86100D-PTB
precision timebase
Optical
1 to 12Gb/s
86105C
9 GHz optical channel
20 GHz electrical channel
Electrical/PLL
1 to 12 Gb/s
86112A
Dual channels
BW > 20 GHz each
83496B
Electrical clock recovery
(#100, 200, 300)
Electrical/PLL
1 to 16/32 Gb/s
(high performance)
86108B
Dual channels
BW > 35/50 GHz
with integrated precision
timebase & clock recovery
Electrical
20, 40 Gb/s
(high performance)
86118A
Dual remote heads
BW > 70 GHz each
86107A or
86100D-PTB
precision timebase
(#40)
TDR/TDT
Single-ended, differential
54754A
Dual 18 GHz channels
N1055A
2 or 4 channels
35 or 50 GHz channels
Note - TDR/TDT modules
also perform as
electrical-only receivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com