Electronic Components Datasheet Search
  English  ▼

X  

86115D Datasheet(PDF) 22 Page - Keysight Technologies

Part # 86115D
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D Datasheet(HTML) 22 Page - Keysight Technologies

Back Button 86115D Datasheet HTML 18Page - Keysight Technologies 86115D Datasheet HTML 19Page - Keysight Technologies 86115D Datasheet HTML 20Page - Keysight Technologies 86115D Datasheet HTML 21Page - Keysight Technologies 86115D Datasheet HTML 22Page - Keysight Technologies 86115D Datasheet HTML 23Page - Keysight Technologies 86115D Datasheet HTML 24Page - Keysight Technologies 86115D Datasheet HTML 25Page - Keysight Technologies 86115D Datasheet HTML 26Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
22 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Modules Specifications (Continued)
Specifications describe warranted performance while characteristics provide useful, nonwarranted information and performance.
Characteristics are listed below in italics.
Multiple electrical channel modules
N1046A
Channel options
71F/72F/74F
81F/82F/84F
11F/12F/14F
Number of channels
1/2/4
1/2/4
1/2/4
Electrical channel bandwidth
(maximum) 1
75 GHz
85 GHz
100 GHz
Electrical channel bandwidth settings
(user-selectable)
45, 60, 75 GHz
45, 60, 75, 85 GHz
45, 50, 75, 85, 100, 122 GHz
(characteristic)
Transmision time (10 to 90% calculated
from TR = 0.35/bandwidth)
7.8, 5.9, 4.7 ps
7.8, 5.9, 4.7, 4.2 ps
7.8, 5.9, 4.7, 4.2, 3.5, < 3.2 ps
Channel-to-channel skew range
± 100 ps
± 100 ps
± 100 ps
RMS noise
Characteristic
400, 580, 740 μV
400, 580, 740, 860 μV
400, 580, 740, 860, 1005,
2000 μV
Maximum
550, 700, 950 μV
550, 700, 950, 1150 μV
550, 700, 950, 1150, 1350, 2000
(characteristic) μV
Scale factor (per division)
– Minimum
1 mV/division
1 mV/division
1 mV/division
– Maximum
100 mV/division
100 mV/division
100 mV/division
DC accuracy (V
AVG measurement)
– Specified at calibration tempera-
ture ± 0.5 °C. (Perform a new
module calibration if hardware
skew has been applied.)
± 2 mV (characteristic)
– Specified at calibration tempera-
ture ± 5 °C
± 2 mV ± 4% of (reading – channel offset)
DC offset range (referenced from
center of screen)
± 500 mV
± 500 mV
± 500 mV
Input dynamic range (relative to
channel offset)
± 400 mV
± 400 mV
± 400 mV
Maximum input signal
± 2V (+16 dBm)
± 2V (+16 dBm)
± 2V (+16 dBm)
Nominal impedance (characteristic)
50 Ω
50 Ω
50 Ω
How does Keysight test and setup your module?
The N1046A bandwidth is tested using a very fast electrical impulse that is generated by a photodiode driven by a femtosecond optical
impulse source. The high bandwidth photodiode is calibrated and NIST traceable through 110 GHz. For frequencies beyond 110 GHz,
photodiode performance is based on a linear extrapolation of the photodiode response through 110 GHz but test data beyond 110 GHz
is not provided.
User note:
For customers needing the maximum possible bandwidth, the 122 GHz setting is recommended. For customers needing high band-
width with “matched” performance across channels, the 100 GHz setting is recommended.
1. Tuned to be —3 dB (± measurement uncertainty) at stated bandwidth(s) EXCEPT for the 122 GHz setting which is tuned for maximum bandwidth while
keeping channel noise ≤ 2.5 mV RMS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com