| Electronic Components Datasheet Search |
|
86115D Datasheet(PDF) 24 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
86115D Datasheet(HTML) 24 Page - Keysight Technologies |
|
24 / 35 page ![]() 24 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet Software Applications 86100D-200 enhanced jitter analysis Option 200 provides extensive and accurate jitter decomposition, which is increasingly important as data rates increase and margins reduce. Quickly customize your view of many parameters and take advantage of advanced features such as jitter spectrum analysis. 86100D-201 advanced waveform analysis Take advantage of powerful features in Option 201 to generate much deeper waveform files, integrate MATLAB analysis, and use equalizers (CTLE, LFE, DFE), User Operators and User Defined Measurements. 86100D-202enhancedimpedanceandS-parameter Option 202 works in TDR mode and provides live S-parameter responses, including magnitude (return loss, insertion loss, etc.), phase and group delay. Single-ended, differential and mixed- mode responses are available simultaneously. Also enables quick and easy saving of measurement results in Touchstone files (.s2p, .s4p, etc.). 86100D-300 amplitude analysis/RIN/Q-factor Extend the many capabilities from jitter mode into the amplitude domain and see the decomposition of the amplitude into several factors. Option 300 also reports relative intensity noise (RIN) and Q-factor. 86100D-400 PLL and jitter spectrum Option 400 quickly characterizes key parameters of phase-locked loops and provides the jitter spectrum of your signal including spread spectrum clocks. Control of the jitter source and receiver is integrated to ensure fast results. 86100D-401 advanced EYE analysis For device testing with long patterns and to obtain BER-contour mask testing, Option 401 integrates with the classic or FlexDCA interfaces to decompose the jitter and amplitude interference measurements into the key parameters. When using the embedded capability within FlexDCA or the included automation application, you may characterize jitter on simultaneous multiple lanes and obtain concise and visual results. 86100D-9FP PAM-N analysis software Accurately and quickly analyze Pulse Amplitude Modulation (PAM) signals as described in IEEE 802.3bj Clause 94 and developing standards such as OIF-CEI-56G and IEEE 400G. 86100D-TFP IEEE TDECQ Analysis software A lower cost subset of option 9FP capabilities that targets optical Transmitter production test applications 86100D-SIM InfiniiSim-DCA At higher data rates, the effect of measurement fixtures and channels is prominent and can be accounted for through the de-embedding capabilities within Option SIM. You may also view measurements on live and simulated signals, allowing you to compare design intent to actual performance. N1012A OIF CEI compliance and debug application The N1012A application lets you fully characterize the ~120 trans- mitter test parameters (including 28G-VSR), reducing your test time from hours to minutes. Included are return loss tests and several utilities to improve your test productivity. Debug mode enables you to characterize your devices well beyond the parameters prescribed in the implementation agreements. N1014A SFF-8431 compliance and debug application The N1014A application lets you fully characterize ~70 test parameters including all transmitter tests for host, module and host copper and all test signals for receiver testing. Return loss tests and utilities are also included. N1019A user-defined application You may create your own test application or suite of tests using the DCA-X and other instruments. Quickly and intuitively create groups of tests, test descriptions, user prompts and test limits. Use concise HTML reports to share your multiple test results with your users. N1081-4A IEEE802.3 Ethernet applications The extensive requirements for IEEE802.3-2012, 802.3bj and 802.3bm are covered in these four applications, which comprise > 400 tests. Characterize your device for one, four or ten lanes, and analyze trends over time/temperature and between devices. N1085A PAM4 Ethernet and OIF-CEI Measurement Application The N1085A software application covers PAM-4 transmitter measurements outlined in IEEE P802.3bs and four OIF-CEI-4.0 (56G) clauses. 86100D-BFP Automatic Fixture Removal (AFR) When measuring physical layer devices with non-coaxial interfaces, test fixtures or probes are often used to connect the device under test (DUT) to the measurement equipment. For accurate measure- ments of the DUT, the fixtures or probes need to be characterized and their effects removed from the composite measurement of the DUT plus test fixture or probe combination. This option adds the Automatic Fixture Removal (AFR) capability from Keysight’s powerful N1930B Physical Layer Test System (PLTS) software to help you characterize a fixture or probe with non-coaxial interfaces. Fixtures and probes to be characterized can be single-ended or differential. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |