Electronic Components Datasheet Search
  English  ▼

X  

86115D Datasheet(PDF) 27 Page - Keysight Technologies

Part # 86115D
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D Datasheet(HTML) 27 Page - Keysight Technologies

Back Button 86115D Datasheet HTML 23Page - Keysight Technologies 86115D Datasheet HTML 24Page - Keysight Technologies 86115D Datasheet HTML 25Page - Keysight Technologies 86115D Datasheet HTML 26Page - Keysight Technologies 86115D Datasheet HTML 27Page - Keysight Technologies 86115D Datasheet HTML 28Page - Keysight Technologies 86115D Datasheet HTML 29Page - Keysight Technologies 86115D Datasheet HTML 30Page - Keysight Technologies 86115D Datasheet HTML 31Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
27 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Configure measurements
– Thresholds
– 10%, 50%, 90% or 20%, 50%, 80% or custom
– Eye boundaries
– Define boundaries for eye measurements
– Define boundaries for alignment
– Format units for
– Duty cycle distortion — Time or percentage
– Extinction/Contrast ratio — Ratio, decibel or percentage
– Eye height — Amplitude or decibel (dB)
– Eye width — Time or ratio
– Average power — Watts or decibels (dBm)
– Top base definition
Automatic or custom
– Δ time definition
– First edge number, edge direction, threshold
– Second edge number, edge direction, threshold
– Jitter mode
– Units (time or unit interval, watts, volts, or unit amplitude)
– Signal type (data or clock)
– Measure based on edges (all, rising only, falling only)
– Graph layout (single, split, quad)
Quick measure configuration
When using the classic DCA interface, “Quick Measure” measure-
ments are initiated by pressing the <Multi-Purpose> button on
the front panel.
– Four user-selectable measurements for each mode, eye-
mask, TDR, etc.
– Default settings (Eye/Mask mode) extinction ratio, jitter RMS,
average power, crossing percentage
– Default settings (Oscilloscope mode) rise time, fall time,
period, V amptd
Histograms
Configure
– Histogram scale (1 to 8 divisions)
– Histogram axis (vertical or horizontal)
– Histogram window (adjustable window via marker knob)
Measurements (Continued)
Math measurements - classic DCA user interface
– Four user-definable functions operator — Magnify, invert,
subtract, versus, min, max
– Source — Channel, function, memory, constant, response
(TDR)
Signal processing measurements - FlexDCA
– Math — Add, subtract, multiply, average, invert, maximum,
minimum, median
– Signal processing — Difference (differentiate), summation
(integrate), interpolation (linear, Sin(x)/x), filters: 4th order
bessel, butterworth, gaussian
– Transforms — FFT, versus
– Equalizer (Option 201) — Linear feed-forward
– Equalizer (LFE, up to 64 taps)
– Simulation (Option SIM) — De-embedding, embedding,
random jitter, random noise
Calibrate - classic DCA user interface
– All calibrations
– Module (amplitude)
– Horizontal (time base)
– Extinction ratio
– Probe
– Optical channel
– Front panel calibration output level
– User selectable –2 to 2 V
Utilities
– Set time and date
– Remote interface
– Set GPIB interface
– Touch screen configuration/calibration
– Calibration
– Disable/enable touch screen
– Upgrade software
– Upgrade mainframe
– Upgrade module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com