Electronic Components Datasheet Search
  English  ▼

X  

86115D Datasheet(PDF) 25 Page - Keysight Technologies

Part # 86115D
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D Datasheet(HTML) 25 Page - Keysight Technologies

Back Button 86115D Datasheet HTML 21Page - Keysight Technologies 86115D Datasheet HTML 22Page - Keysight Technologies 86115D Datasheet HTML 23Page - Keysight Technologies 86115D Datasheet HTML 24Page - Keysight Technologies 86115D Datasheet HTML 25Page - Keysight Technologies 86115D Datasheet HTML 26Page - Keysight Technologies 86115D Datasheet HTML 27Page - Keysight Technologies 86115D Datasheet HTML 28Page - Keysight Technologies 86115D Datasheet HTML 29Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
25 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Measurements
The 86100D DCA-X features two user interfaces for optimum
ease-of-use. It includes the classic DCA interface for complete
backwards compatibility with earlier DCA mainframes. It also
includes the new FlexDCA interface that provides new measure-
ments and powerful analysis capability in a fully customizable
application.
The following measurements are available from the tool bar, as
well as the pull down menus. The available measurements depend
on the DCA-X operating mode.
Oscilloscope mode
– Time
Rise time, fall time, jitter RMS, jitter p-p, period, frequency,
+ pulse width, – pulse wWidth, duty cycle, delta time, [Tmax,
Tmin, Tedge—remote commands only]
– Amplitude
Overshoot, average power, V amptd, V p-p, V rms, V top,
V base, V max, V min, V avg, OMA (optical modulation
amplitude)
Eye/mask mode
– NRZ eye measurements
Extinction ratio, jitter RMS, jitter p-p, average power,
crossing percentage, rise time, fall time, one level, zero Level,
eye height, eye width, signal to noise, duty cycle distortion,
bit rate, eye amplitude
– RZ eye measurements
Extinction ratio, jitter RMS, Jitter p-p, average power,
rise time, fall time, one level, zero level, eye height, eye
amplitude, opening factor, eye width, pulse width, signal to
noise, duty cycle, bit rate, contrast ratio
Mask test
– Open mask, start mask test, exit mask test, filter, mask test
margins, mask margin to a hit ratio, mask test scaling, create
NRZ mask
Option 200 enhanced jitter analysis software
– Measurements
Total jitter (TJ), random jitter (RJ), deterministic jitter (DJ),
periodic jitter (PJ), data dependent jitter (DDJ), duty cycle
distortion (DCD), intersymbol interference (ISI), sub-rate jitter
(SRJ), asynchronous periodic jitter frequencies, subrate jitter
components
– FlexDCA adds the following measurements:
Data dependent pulse width shrinkage (DDPWS),
uncorrelated jitter (UJ), J2, J9
– Data displays
TJ histogram, RJ/PJ histogram, DDJ histogram, composite
histogram, DDJ versus bit position, bathtub curve (log or Q
scale)
Option 201 advanced waveform analysis
– Measurements
Deep memory pattern waveform, user-defined
measurements through MATLAB interface
– Data displays
Equalized waveform
Option 202 enhanced impedance and
S-parameters
– Markers and delta markers on live frequency domain
responses such as S-parameter magnitude, phase and group
delay
Option 300 amplitude analysis/RIN/Q-factor
(requires Option 200)
– Measurements
Total interference (TI), deterministic interference (dual-dirac
model, DI), random noise (RN), periodic interference (PI), and
Inter-symbol interference (ISI), RIN (dBm or dB/Hz), Q-factor
– Data displays
TI histogram, RN/PI histogram, ISI histogram
Option 400 PLL and jitter spectrum measurement
software
– Jitter spectrum/phase noise measurements integrated jitter:
Total jitter (TJ), random jitter (RJ), deterministic jitter (DJ);
DJ amplitude/frequency, jitter spectrum graph, jitter versus
time graph, frequency versus time graph, jitter histogram,
post processed jitter measurements, phase noise graph
dBc/Hz versus frequency
– Phase locked loop (PLL) measurements PLL bandwidth,
PLL peaking, data rate, jitter transfer function (JTF) graph,
observed jitter transfer (OJTF) graph, JTF model.
Option 401 advanced eye analysis
– * Jitter analysis on long patterns
FlexDCA version: Total jitter (TJ), deterministic jitter (DJ), random
jitter (RJ), J2, J5, J9. Jitter can be measured on long patterns
such as PRBS23, PRBS31, live traffic.
Microsoft Excel version: All of the above, plus BER contour mask
testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com