Electronic Components Datasheet Search
  English  ▼

X  

S818 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S818
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S818 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S818 Datasheet HTML 1Page - Seiko Instruments Inc S818 Datasheet HTML 2Page - Seiko Instruments Inc S818 Datasheet HTML 3Page - Seiko Instruments Inc S818 Datasheet HTML 4Page - Seiko Instruments Inc S818 Datasheet HTML 5Page - Seiko Instruments Inc S818 Datasheet HTML 6Page - Seiko Instruments Inc S818 Datasheet HTML 7Page - Seiko Instruments Inc S818 Datasheet HTML 8Page - Seiko Instruments Inc S818 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Rev.1.2
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 Series
Seiko Instruments Inc.
3
„ Pin Configuration
Please refer to the package drawings at the end of this document for details.
Table 2 Pin Assignment
Table 3 Pin Assignment
Note
: NC means electrical open. Connecting
NC pin to VIN or VSS is allowed.
„ Absolute Maximum Ratings
Table 4 Absolute Maximum Ratings
(Ta=25
°C unless otherwise specified)
Parameter
Symbol
Absolute Maximum Rating
Unit
Input voltage
VIN
12
V
VON / OFF
VSS-0.3 to 12
V
Output voltage
VOUT
VSS-0.3 to VIN+0.3
V
Power dissipation
PD
250 (SOT-23-5)
500 (SOT-89-5)
mW
Operating temperature range
Tope
-40 to +85
°C
Storage temperature range
Tstg
-40 to +125
°C
The IC has a protection circuit against static electricity. DO NOT apply high static electricity or high voltage
that exceeds the performance of the protection circuit to the IC.
Pin No.
Symbol
Description
1VIN
Voltage input pin
2
VSS
GND pin
3
ON/OFF
Power off pin
4NC
Note
No connection
5
VOUT
Voltage output pin
Figure 2 SOT-23-5
13
2
4
5
SOT-23-5
Top view
Pin No.
Symbol
Description
1
VOUT
Voltage output pin
2
VSS
GND pin
3NC
Note
No connection
4
ON/OFF
Power off pin
5VIN
Voltage input pin
5
4
1
3
2
SOT-89-5
Top view
Figure 3 SOT-89-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com