Electronic Components Datasheet Search
  English  ▼

X  

S818 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S818
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S818 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S818 Datasheet HTML 4Page - Seiko Instruments Inc S818 Datasheet HTML 5Page - Seiko Instruments Inc S818 Datasheet HTML 6Page - Seiko Instruments Inc S818 Datasheet HTML 7Page - Seiko Instruments Inc S818 Datasheet HTML 8Page - Seiko Instruments Inc S818 Datasheet HTML 9Page - Seiko Instruments Inc S818 Datasheet HTML 10Page - Seiko Instruments Inc S818 Datasheet HTML 11Page - Seiko Instruments Inc S818 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.2
S-818 Series
8
Seiko Instruments Inc.
„ Selection of Output Capacitor (CL)
The S-818 series needs an output capacitor between VOUT pin and VSS pin for phase compensation. A small
ceramic or an OS electrolytic capacitor of 2
µF or more can be used. If a tantalum or an aluminum electrolytic
capacitor is used, its capacitance must be 2
µF or more and the ESR must be 10 Ω or less.
Attention should be paid not to cause an oscillation due to increase of ESR at low temperatures when using an
aluminum electrolytic capacitor.
Evaluate the performance including temperature characteristics before prototyping the circuit.
Overshoot and undershoot characteristics differ depending upon the type of the output capacitor. Refer to output
capacitor dependence data in transient response characteristics .
„ Design Considerations
•
Design wiring patterns for VIN, VOUT and GND pins to decrease impedance.
When mounting an output capacitor, connection from the capacitor to the VOUT pin and to the VSS pin
should be as close as possible.
•
Note that output voltage may increase when the voltage regulator is used at low load current (less than 10
µA).
•
To prevent oscillation, it is recommended to use the external components under the following conditions:
* Input capacitor (CIN): 0.47
µF or more
* Output capacitor (CL): 2
µF or more
* Equivalent Series Resistance (ESR): 10
Ω or less
* Input series resistance (RIN): 10
Ω or less
•
The voltage regulator may oscillate when the impedance of the power supply is high and the input
capacitor is small or not connected.
•
Be sure that input voltage and load current do not exceed the power dissipation level of the package.
•
SII claims no responsibility for any and all disputes arising out of or in connection with any infringement of
the products including this IC upon patents owned by a third party.
•
In determining necessary output current, consider the value of output current of Table 4 “Electrical
Characteristics” and Note *5) (page 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com