Electronic Components Datasheet Search
  English  ▼

X  

S818 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S818
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S818 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S818 Datasheet HTML 3Page - Seiko Instruments Inc S818 Datasheet HTML 4Page - Seiko Instruments Inc S818 Datasheet HTML 5Page - Seiko Instruments Inc S818 Datasheet HTML 6Page - Seiko Instruments Inc S818 Datasheet HTML 7Page - Seiko Instruments Inc S818 Datasheet HTML 8Page - Seiko Instruments Inc S818 Datasheet HTML 9Page - Seiko Instruments Inc S818 Datasheet HTML 10Page - Seiko Instruments Inc S818 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Rev.1.2
LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 Series
Seiko Instruments Inc.
7
„ Operation
1. Basic operation
Figure 7 shows the block diagram of the S-818
Series.
The error amplifier compares a reference voltage
VREF with the part of the output voltage divided by the
feedback resistors Rs and Rf. It supplies the output
transistor with the gate voltage, necessary to ensure
certain output voltage free of any fluctuations of input
voltage and temperature.
2. Output transistor
The S-818 Series uses a low on-resistance Pch MOS FET as the output transistor.
Be sure that VOUT does not exceed VIN+0.3 V to prevent the voltage regulator from being broken due to
inverse current flowing from VOUT pin to VIN pin through the parasitic diode.
3. Power Off Pin (ON/OFF Pin)
This pin activates and inactivates the regulator.
When the ON/OFF pin is switched to the power off level, the operation of all internal circuit stops, the built-in
Pch MOSFET output transistor between VIN and VOUT pin is switched off, suppressing current consumption.
The VOUT pin goes to the Vss level due to internal divided resistance of several M
Ω between VOUT pin and
VSS pin.
The structure of the ON/OFF pin is shown in Figure 8. Since the ON/OFF pin is neither pulled down nor pulled
up internally, do not keep it in the floating state. Current consumption increases if a voltage of 0.3 V to VIN-0.3
V is applied to the ON/OFF pin. When the power off pin is not used, connect it to the VIN pin for product type
"A" and to the VSS pin for product type "B".
Table 6 Power off pin function by product type
Product
type
ON/OFF pin
Internal
circuit
VOUT pin
voltage
Current
consumption
A
“H” : Power on
Operating
Set value
Iss1
A
“L” : Power off
Stop
VSS level
Iss2
B
“H” : Power off
Stop
VSS level
Iss2
B
“L” : Power on
Operating
Set value
Iss1
Reference
voltage
circuit
VOUT
*1
*1 Parasitic diode
VSS
VIN
Rs
Rf
Error amplifier
Current
source
Vref
ON/OFF
VIN
VSS
Figure 8 ON/OFF Pin
Figure 7 Typical Circuit Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com