Electronic Components Datasheet Search
  English  ▼

X  

S818 Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S818
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S818 Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S818 Datasheet HTML 12Page - Seiko Instruments Inc S818 Datasheet HTML 13Page - Seiko Instruments Inc S818 Datasheet HTML 14Page - Seiko Instruments Inc S818 Datasheet HTML 15Page - Seiko Instruments Inc S818 Datasheet HTML 16Page - Seiko Instruments Inc S818 Datasheet HTML 17Page - Seiko Instruments Inc S818 Datasheet HTML 18Page - Seiko Instruments Inc S818 Datasheet HTML 19Page - Seiko Instruments Inc S818 Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.2
S-818 Series
16
Seiko Instruments Inc.
(3) Power fluctuation
VIN=4
→10V IOUT=30mA
TIME(50usec/div)
10V
CL=4.7
µF
CL=2
µF
4V
3V
VIN
VOUT
TIME(50usec/div)
10V
CL=4.7
µF
CL=2
µF
4V
3V
VIN
VOUT
VIN=10
→4V IOUT=30mA
Load dependence of overshoot
Output capacitor (CL) dependence of overshoot
0
0.2
0.4
0.6
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
IOUT(A)
5V
3V
VIN=VOUT(S)+1V
→VOUT(S)+2V,CL=2µF
VOUT=2V
0
0.01
0.02
0.03
0.04
0.05
1
10
100
CL(uF)
5V
3V
VIN=VOUT(S)+1V
→VOUT(S)+2V, IOUT=30mA
VOUT=2V
VDD dependence of overshoot
Temperature dependence of overshoot
0
0.2
0.4
0.6
024
68
10
VDD(V)
5V
3V
V
IN=VOUT(S)+1V
→VDD, IOUT=30mA,CL=2µF
VOUT=2V
0
0.01
0.02
0.03
0.04
0.05
0.06
-50
0
50
100
Ta
°C
5V
3V
VIN=VOUT(S)+1V
→VOUT(S)+2V, IOUT=30mA,CL=2
µF
VOUT=2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com