Electronic Components Datasheet Search
  English  ▼

X  

S818 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S818
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S818 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S818 Datasheet HTML 2Page - Seiko Instruments Inc S818 Datasheet HTML 3Page - Seiko Instruments Inc S818 Datasheet HTML 4Page - Seiko Instruments Inc S818 Datasheet HTML 5Page - Seiko Instruments Inc S818 Datasheet HTML 6Page - Seiko Instruments Inc S818 Datasheet HTML 7Page - Seiko Instruments Inc S818 Datasheet HTML 8Page - Seiko Instruments Inc S818 Datasheet HTML 9Page - Seiko Instruments Inc S818 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.2
S-818 Series
6
Seiko Instruments Inc.
„ Technical Terms
1. Low dropout voltage regulator
The low dropout voltage regulator is a voltage regulator having a low dropout voltage characteristic due to the
internal low on-resistance transistor.
2. Output voltage (VOUT)
The accuracy of the output voltage is ensured at
± 2.0% under the specified conditions of input voltage,
output current, and temperature, which differ product by product.
Note:
When the above conditions are changed, the output voltage may vary and go out of the accuracy range of
the output voltage. See the electrical characteristics and characteristic data for details.
3. Line regulations 1 and 2 (
∆VOUT1, ∆VOUT2)
Line regulation indicates the input voltage dependence of the output voltage. The value shows how much the
output voltage changes due to the change of the input voltage when the output current is kept constant.
4. Load regulation (
∆VOUT3)
Load regulation indicates the output current dependence of output voltage. The value shows how much the
output voltage changes due to the change of the output current when the input voltage is kept constant.
5. Dropout voltage (Vdrop)
Let VIN1 be an input voltage where the output voltage falls to the 98% of the actual output voltage VOUT(E)
when gradually decreasing input voltage. The dropout voltage is the difference between the VIN1 and the
resultant output voltage defined as following equation.
Vdrop = VIN1-[VOUT(E) × 0.98]
6. Temperature coefficient of output voltage [
∆V
OUT/(
∆Ta • V
OUT)]
The shadowed area in Figure 6 is the range where VOUT varies in the operating temperature range when the
temperature coefficient of the output voltage is
±100 ppm/°C.
-40
25
+0.28mV/
°C
VOUT
[V]
VOUT (E) is a mesured value of
output voltage at 25
°C.
OUT
(E)
85
Ta [
°C]
-0.28mV/
°C
Figure 6 Temperature coefficient range of output voltage
A change of output voltage in temperature [mV/°C] is calculated using the following equation.
∆VOUT
[ppm/
°C] ÷1000
[mV/
°C] = VOUT(S)[V] ×
∆Ta
∆VOUT
∆Ta • VOUT
Specified output voltage
Output voltage temperature coefficient
Change of output voltage in temperatures
Typical Example of the S-818A28A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com