Electronic Components Datasheet Search
  English  ▼

X  

S818 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S818
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S818 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S818 Datasheet HTML 1Page - Seiko Instruments Inc S818 Datasheet HTML 2Page - Seiko Instruments Inc S818 Datasheet HTML 3Page - Seiko Instruments Inc S818 Datasheet HTML 4Page - Seiko Instruments Inc S818 Datasheet HTML 5Page - Seiko Instruments Inc S818 Datasheet HTML 6Page - Seiko Instruments Inc S818 Datasheet HTML 7Page - Seiko Instruments Inc S818 Datasheet HTML 8Page - Seiko Instruments Inc S818 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.2
S-818 Series
4
Seiko Instruments Inc.
„ Electrical Characteristics
S-818AXXAMC/UC, S-818BXXAMC/UC
Table 5 Electrical Characteristics
(Ta=25
°C unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Test
circuit
s
Output voltage
*1)
VOUT(E)
VIN=VOUT(S)+1V,IOUT=30mA
VOUT(S)
×0.98
VOUT(S) VOUT(S)
×1.02
V1
Output current
*2)
IOUT
VOUT(S)+1V
2.0V
≤VOUT(S) ≤2.4V
100 *5)
−−
mA
3
≤ VIN≤10V
2.5V
≤VOUT(S) ≤2.9V
150 *5)
−−
mA
3
3.0V
≤VOUT(S) ≤3.9V
200 *5)
−−
mA
3
4.0V
≤VOUT(S) ≤4.9V
250 *5)
−−
mA
3
5.0V
≤VOUT(S) ≤6.0V
300 *5)
−−
mA
3
Dropout voltage
*3)
Vdrop
IOUT =
2.0V
≤VOUT(S) ≤2.4V
−
0.51
0.87
V
1
60mA
2.5V
≤VOUT(S) ≤2.9V
−
0.38
0.61
V
1
3.0V
≤VOUT(S) ≤3.4V
−
0.30
0.44
V
1
3.5V
≤VOUT(S) ≤3.9V
−
0.24
0.33
V
1
4.0V
≤VOUT(S) ≤4.4V
−
0.20
0.26
V
1
4.5V
≤VOUT(S) ≤4.9V
−
0.18
0.22
V
1
5.0V
≤VOUT(S) ≤5.4V
−
0.17
0.21
V
1
5.5V
≤VOUT(S) ≤6.0V
−
0.17
0.20
V
1
Line regulation 1
∆VOUT1 1
∆VIN • VOUT
VOUT(S) + 0.5 V
≤ VIN ≤ 10 V,
IOUT = 30mA
0.05
0.2
%/V
1
Line regulation 2
∆VOUT2 1
∆VIN • VOUT
VOUT(S) + 0.5 V
≤ VIN ≤ 10 V,
IOUT = 10
µA
0.05
0.2
%/V
1
Load regulation
∆VOUT3VIN = VOUT(S) + 1 V,
10
µA ≤ IOUT ≤ 80mA
30
50
mV
1
Output voltage temperature
coefficient
*4)
∆VOUT 1
∆Ta • VOUT
VIN = VOUT(S) + 1 V, IOUT = 30mA
-40
°C ≤ Ta ≤ 85°C
±100
ppm
/
°C
1
Current consumption during
operation
ISS1VIN = VOUT(S) + 1 V,
ON/OFF pin = ON, no load
30
40
µA2
Current consumption when
power off
ISS2VIN = VOUT(S) + 1 V,
ON/OFF pin = OFF, no load
0.1
0.5
µA2
Input voltage
VIN

10
V
1
Power-off pin input voltage "H"
VSH
VIN = VOUT(S) + 1 V, RL = 1k
Ω,
Judged by VOUT output level.
1.5

V4
Power-off pin input voltage "L"
VSL
VIN = VOUT(S) + 1 V, RL = 1k
Ω,
Judged by VOUT output level.

0.3
V
4
Power-off pin input current "H"
ISH
VIN = VOUT(S) + 1 V,
ON/OFF = 7 V

0.1
µA4
Power-off pin input current "L"
ISL
VIN = VOUT(S) + 1 V,
ON/OFF = 0 V

-0.1
µA4
Ripple rejection
RR
VIN = VOUT(S) + 1 V, f = 100Hz,
∆Vrip = 0.5 V p-p, IOUT=30mA
45
dB
5
*1) VOUT(S)=Specified output voltage
VOUT(E)=Effective output voltage, i.e., the output voltage at fixet IOUT(=30 mA) and input VOUT(S)+1.0 V.
*2) Output current when the output voltage goes below 95% of VOUT(E) after gradually increasing output current.
*3) Vdrop = VIN1-(VOUT(E) × 0.98)
VIN1 = Input voltage when output voltage falls 98% of VOUT(E) after gradually decreasing input voltage.
*4) Output voltage shift by temperature [mV/°C] is calculated using the following equation.
*5) Peak output current can exceed the minimum value.
∆VOUT
[ppm/
°C] ÷1000
[mV/
°C] = VOUT(S)[V] ×
∆Ta
∆VOUT
∆Ta • VOUT
Specified output voltage
Output voltage temperature coefficient
Output voltage shift by temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com