Electronic Components Datasheet Search
  English  ▼

X  

ADP3166 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3166
Description  5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3166 Datasheet(HTML) 4 Page - Analog Devices

  ADP3166 Datasheet HTML 1Page - Analog Devices ADP3166 Datasheet HTML 2Page - Analog Devices ADP3166 Datasheet HTML 3Page - Analog Devices ADP3166 Datasheet HTML 4Page - Analog Devices ADP3166 Datasheet HTML 5Page - Analog Devices ADP3166 Datasheet HTML 6Page - Analog Devices ADP3166 Datasheet HTML 7Page - Analog Devices ADP3166 Datasheet HTML 8Page - Analog Devices ADP3166 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
–4–
ADP3166
ABSOLUTE MAXIMUM RATINGS
*
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +15 V
FBRTN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
VID0 to VID4, EN, DELAY, ILIMIT, CSCOMP, RT, COMP,
CROWBAR, PWM1 to PWM4 . . . . . . . . . –0.3 V to +5.5 V
SW1 to SW4 . . . . . . . . . . . . . . . . . . . . . . . . . . . –5 V to +25 V
All Other Inputs and Outputs . . . . . . . –0.3 V to VCC + 0.3 V
Operating Ambient Temperature Range . . . . . . . 0
°C to 85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . 125
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100
°C/W
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5.3
5.2
5.1
5.0
4.9
4.8
4.7
4.6
MASTER CLOCK FREQUENCY – MHz
TA = 25 C
4-PHASE OPERATION
TPC 1. Supply Current vs. Master Clock Frequency
ORDERING GUIDE
Temperature
Package
Quantity
Model
Range
Options
per Reel
ADP3166JRU-REEL7
0
°C to 85°C
RU-28 (TSSOP-28)
1000
ADP3166JRU-REEL
0
°C to 85°C
RU-28 (TSSOP-28)
2500
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only. Functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Absolute maximum
ratings apply individually only, not in combination. Unless otherwise specified, all
other voltages are referenced to GND.
4
3
2
1
0
RT VALUE – kΩ
050
100
150
200
250
300
TPC 2. Master Clock Frequency vs. RT
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADP3166 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com