Electronic Components Datasheet Search
  English  ▼

X  

ADP3166 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3166
Description  5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3166 Datasheet(HTML) 1 Page - Analog Devices

  ADP3166 Datasheet HTML 1Page - Analog Devices ADP3166 Datasheet HTML 2Page - Analog Devices ADP3166 Datasheet HTML 3Page - Analog Devices ADP3166 Datasheet HTML 4Page - Analog Devices ADP3166 Datasheet HTML 5Page - Analog Devices ADP3166 Datasheet HTML 6Page - Analog Devices ADP3166 Datasheet HTML 7Page - Analog Devices ADP3166 Datasheet HTML 8Page - Analog Devices ADP3166 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
ADP3166*
5-Bit Programmable 2-, 3-, 4-Phase
Synchronous Buck Controller
*Patent pending
FEATURES
Selectable 2-, 3- or 4-Phase Operation at up to
1 MHz per Phase
Differential Sensing Error
±1% over Temperature
Logic-Level PWM Outputs for Interface to
External High Power Drivers
Active Current Balancing between All Output Phases
Built-in Power Good Blanking Supports On-the-Fly
VID Code Changes
5-Bit Digitally Programmable 0.8 V to 1.55 V Output
Short-Circuit Protection with Programmable
Latch-Off Delay
Overvoltage Protection Crowbar Logic Output
APPLICATIONS
Desktop PC Power Supplies
Next-Generation AMD Processors
VRM Modules
FUNCTIONAL BLOCK DIAGRAM
VCC
PRECISION
REFERENCE
SOFT
START
UVLO
SHUTDOWN
AND BIAS
OSCILLATOR
+
GND
ADP3166
EN
DELAY
ILIMIT
PWRGD
RT
RAMPADJ
PWM2
FB
PWM3
PWM4
SW1
CSSUM
CSCOMP
SW2
SW3
SW4
CSREF
PWM1
VID4
VID3
VID2
VID1
VID0
FBRTN
COMP
VID
DAC
+
DAC + 300mV
+
DAC – 300mV
+
+
CSREF
CSREF
2.1V
EN
CURRENT
LIMIT
CIRCUIT
CROWBAR
CURRENT
LIMIT
+
CMP
+
CMP
+
CMP
+
+
CMP
CURRENT
BALANCING
CIRCUIT
2-, 3-, 4-PHASE
DRIVER LOGIC
EN
SET
RESET
RESET
RESET
RESET
CROWBAR
28
11
6
15
12
9
7
1
2
3
4
5
8
18
16
17
20
21
22
23
24
25
26
27
13
14
10
DELAY
19
GENERAL DESCRIPTION
The ADP3166 is a highly efficient, multiphase, synchronous
buck switching regulator controller optimized for converting a
12 V main supply into the core supply voltage required by high
performance AMD processors. It uses an internal 5-bit DAC to
read a voltage identification (VID) code directly from the pro-
cessor, which is used to set the output voltage between 0.8 V
and 1.55 V. The ADP3166 also uses a multimode PWM
architecture to drive the logic-level outputs at a programmable
switching frequency that can be optimized for VRM size and
efficiency. The phase relationship of the output signals can be
programmed to provide 2-, 3-, or 4-phase operation, allowing
for the construction of up to four complementary buck switch-
ing stages.
The ADP3166 includes programmable no-load offset and slope
functions to adjust the output voltage as a function of the load
current so that it is always optimally positioned for a system
transient. The ADP3166 also provides accurate and reliable
short-circuit protection, adjustable current limiting, and a delayed
power good output that accommodates on-the-fly output volt-
age changes requested by the CPU.
ADP3166 is specified over the commercial temperature range of
0
°C to 85°C and is available in a 28-lead TSSOP package.


Similar Part No. - ADP3166

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
5-Bit Programmable 2-Phase Synchronous Buck Controller
05/02-Data Sheet changed from REV. A to REV. B.
ADP3160JR AD-ADP3160JR Datasheet
292Kb / 16P
5-Bit Programmable 2-Phase Synchronous Buck Controller
05/02-Data Sheet changed from REV. A to REV. B.
ADP3161 AD-ADP3161 Datasheet
164Kb / 12P
4-Bit Programmable 2-Phase Synchronous Buck Controller
REV.0
ADP3161JR AD-ADP3161JR Datasheet
164Kb / 12P
4-Bit Programmable 2-Phase Synchronous Buck Controller
REV.0
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
5-Bit Programmable 2-Phase Synchronous Buck Controller
More results

Similar Description - ADP3166

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
5-Bit Programmable 2-Phase Synchronous Buck Controller
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV.0
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
5-Bit Programmable 4-Phase Synchronous Buck Controller
REV.0
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
5-Bit Programmable 2-Phase Synchronous Buck Controller
05/02-Data Sheet changed from REV. A to REV. B.
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
11/04-Rev. A to Rev. B
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
7/05-Rev. 0 to Rev. A
ADP3186 AD-ADP3186 Datasheet
618Kb / 24P
5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
3/06-Rev. 0 to Rev. A
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
1/06-Revision 0
ADP3163JRUZ-REEL AD-ADP3163JRUZ-REEL Datasheet
138Kb / 16P
5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
logo
ON Semiconductor
ADP3164 ONSEMI-ADP3164 Datasheet
256Kb / 15P
5-Bit Programmable 4-Phase Synchronous Buck Controller
May 2010 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com