Electronic Components Datasheet Search
  English  ▼

X  

ADP3166 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3166
Description  5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3166 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3166 Datasheet HTML 6Page - Analog Devices ADP3166 Datasheet HTML 7Page - Analog Devices ADP3166 Datasheet HTML 8Page - Analog Devices ADP3166 Datasheet HTML 9Page - Analog Devices ADP3166 Datasheet HTML 10Page - Analog Devices ADP3166 Datasheet HTML 11Page - Analog Devices ADP3166 Datasheet HTML 12Page - Analog Devices ADP3166 Datasheet HTML 13Page - Analog Devices ADP3166 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. 0
–10–
ADP3166
ENABLE
*SEE THEORY OF
OPERATION
SECTION FOR
DESCRIPTION
OF OPTIONAL
RSW RESISTORS
POWER
GOOD
RLIM
200k
CDLY
39nF
RT
200k
RDLY
390k
RA
7.32k
CFB
18pF
CA
680pF
CCS1
2.2nF
RB
2.00k
CB
680pF
RPH1
147k
FROM CPU
RR
383k
CCS2
1.5nF
RCS1
35.7k
RPH3
147k
RSW1*
RSW3*
RSW2*
RCS2
73.2k
RPH2
147k
U1
ADP3166
VID4
VID3
VID2
VID1
VID0
CROWBAR
FBRTN
FB
COMP
PWRGD
EN
DELAY
RT
RAMPADJ
VCC
PWM1
PWM2
PWM3
PWM4
SW1
SW2
SW3
SW4
GND
CSCOMP
CSSUM
CSREF
ILIMIT
3
1
4
5
2
6
10
14
7
8
9
11
12
13
26
25
24
28
27
19
22
21
20
23
15
18
17
16
C19
1 F
R4
10
C20
33 F
Q8
IPD06N03L
L4
600nH/1.6m
BST
IN
OD
VCC
DRVH
SW
PGND
DRVL
C15
4.7 F
C18
4.7nF
R3
2.2
RTH
100k , 5%
Q9
IPD06N03L
1
2
3
8
7
6
45
U4
ADP3418
D4
1N4148WS
C17
4.7 F
Q7
IPD12N03L
C16
100nF
Q5
IPD06N03L
C12
100nF
U3
ADP3418
BST
IN
OD
VCC
DRVH
SW
PGND
DRVL
C11
4.7 F
D3
1N4148WS
C14
4.7nF
R2
2.2
Q6
IPD06N03L
1
2
3
8
7
6
4
5
Q2
IPD06N03L
Q3
IPD06N03L
Q4
IPD12N03L
L3
600nH/1.6m
C7
4.7 F
C13
4.7 F
10 F
5MLCC
AROUND
SOCKET
VCC(CORE)
0.8V–1.55V
56A
VCC(CORE) RTN
820 F/2.5V
8
OSCON SERIES
12m
ESR (EACH)
L2
600nH/1.6m
C21
C28
C10
4.7nF
R1
2.2
Q1
IPD12N03L
C8
100nF
C9
4.7 F
U2
ADP3418
1
2
3
8
7
6
45
BST
IN
OD
VCC
DRVH
SW
PGND
DRVL
++
+
D2
1N4148WS
D1
1N4148WS
VIN 12V
VIN RTN
L1
1.6 H
C1
C6
2200 F/16V
3
NICHICON PW SERIES
++
Figure 1. 56 AMD K8 CPU Supply Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com