Electronic Components Datasheet Search
  English  ▼

X  

ADP3166 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3166
Description  5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3166 Datasheet(HTML) 5 Page - Analog Devices

  ADP3166 Datasheet HTML 1Page - Analog Devices ADP3166 Datasheet HTML 2Page - Analog Devices ADP3166 Datasheet HTML 3Page - Analog Devices ADP3166 Datasheet HTML 4Page - Analog Devices ADP3166 Datasheet HTML 5Page - Analog Devices ADP3166 Datasheet HTML 6Page - Analog Devices ADP3166 Datasheet HTML 7Page - Analog Devices ADP3166 Datasheet HTML 8Page - Analog Devices ADP3166 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
ADP3166
–5–
CSSUM
18
CSCOMP
17
28
VCC
CSREF
16
GND
19
39k
100nF
1k
1V
ADP3166
+
–
12V
VOS =
CSCOMP – 1V
40
Test Circuit 2. Positioning Amplifier VOS Test Circuit
CSSUM
18
CSCOMP
28
8
9
VCC
FB
COMP
CSREF
16
GND
19
10k
200k
200k
1V
80mV
ADP3166
+
–
+
–
12V
VFB = FB – VVID
17
Test Circuit 3. Positioning Voltage Test Circuit
+
250k
12V
1 F
100nF
100nF
VCC
PWM1
PWM2
PWM3
PWM4
SW1
SW2
SW3
SW4
GND
CSCOMP
CSSUM
CSREF
ILIMIT
28
27
26
21
24
23
22
17
18
19
15
16
20
25
20k
ADP3166
VID4
VID3
VID2
VID1
VID0
CROWBAR
FBRTN
FB
COMP
PWRGD
EN
DELAY
RT
RAMPADJ
1
2
3
4
8
10
12
14
5
6
7
9
11
13
1.25V
5-BIT CODE
250k
1k
4.7nF
Test Circuit 1. Closed-Loop Output Voltage Accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com