Electronic Components Datasheet Search
  English  ▼

X  

ADP3166 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3166
Description  5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3166 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3166 Datasheet HTML 8Page - Analog Devices ADP3166 Datasheet HTML 9Page - Analog Devices ADP3166 Datasheet HTML 10Page - Analog Devices ADP3166 Datasheet HTML 11Page - Analog Devices ADP3166 Datasheet HTML 12Page - Analog Devices ADP3166 Datasheet HTML 13Page - Analog Devices ADP3166 Datasheet HTML 14Page - Analog Devices ADP3166 Datasheet HTML 15Page - Analog Devices ADP3166 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. 0
–12–
ADP3166
Selecting a Standard Inductor
The following companies can provide design consultation and
deliver power inductors optimized for high power applications
upon request.
• Coilcraft
(847)639-6400
http://www.coilcraft.com
• Coiltronics
(561)752-5000
http://www.coiltronics.com
• Sumida Electric Company
(510) 668-0660
http://www.sumida.com
• Vishay Intertechnology
(402) 563-6866
http://www.vishay.com
Output Droop Resistance
The design requires that the regulator output voltage measured
at the CPU pins drops when the output current increases. The
specified voltage drop corresponds to the static output droop
resistance (RO).
The output current is measured by summing together the voltage
across each inductor and then passing the signal through a low-
pass filter. This summer-filter is the CS amplifier configured with
resistors RPH(X) (summers) and RCS, and CCS (filter). The output
resistance of the regulator is set by the following equations, where
RL is the DCR of the output inductors:
R=
R
R
R
O
CS
PH(X)
L
×
(6)
C=
L
RR
CS
LCS
×
(7)
One has the flexibility of choosing either RCS or RPH(X). It is best
to select RCS equal to 100 k
Ω, and then solve for RPH(X) by
rearranging Equation 6.
R=
R
R
R
PH(X)
L
O
CS
×
R=
.m
.m
k=
. k
PH(X)
16
11
100
145 5
Ω
Ω
ΩΩ
×
Next, use Equation 6 to solve for CCS:
C=
nH
.m
k
=.
nF
CS
600
16
100
375
ΩΩ
×
It is best to have a dual location for CCS in the layout so stan-
dard values can be used in parallel to get as close to the value
desired. For this example, choosing CCS to be a 1.5 nF and 2.2 nF
in parallel is a good choice. For best accuracy, CCS should be
a 10% capacitor. The closest standard 1% value for RPH(X) is
147 k
Ω .
Inductor DCR Temperature Correction
With the inductor’s DCR being used as the sense element and
copper wire being the source of the DCR, one needs to com-
pensate for temperature changes of the inductor’s winding.
Fortunately, copper has a well known temperature coefficient
(TC) of 0.39%/
°C.
If RCS is designed to have an opposite and equal percentage
change in resistance to that of the wire, it will cancel the tem-
perature variation of the inductor’s DCR. Due to the nonlinear
nature of NTC thermistors, resistors RCS1 and RCS2 (see Figure 2)
are needed to linearize the NTC and produce the desired tem-
perature tracking.
CSSUM
18
CSCOMP
PLACE AS CLOSE AS POSSIBLE
TO NEAREST INDUCTOR
OR LOW SIDE MOSFET
17
CSREF
16
ADP3166
CCS
RCS1
RTH
RCS2
KEEP THIS PATH
AS SHORT AS POSSIBLE
AND WELL AWAY FROM
SWITCH NODE LINES
TO
SWITCH
NODES
TO
VOUT
SENSE
RPH1
RPH3
RPH2
Figure 2. Temperature Compensation Circuit Values
The following procedure and expressions will yield values to use
for RCS1, RCS2, and RTH (the thermistor value at 25
°C) for a
given RCS value.
1. Select an NTC based on type and value. Since we do not
have a value yet, start with a thermistor with a value close to
RCS. The NTC should also have an initial tolerance of better
than 5%.
2. Based on the type of NTC, find its relative resistance value at
two temperatures. The temperatures to use that work well are
50
°C and 90°C. We will call these resistance values A (A is
RTH(50°C)/RTH(25°C)) and B (B is RTH(90°C)/RTH(25°C)). Note that
the NTC’s relative value is always 1 at 25
°C.
3. Next, find the relative value of RCS required for each of these
temperatures. This is based on the percentage change needed,
which we will initially make 0.39%/
°C. We will call these r1
(r1 is 1/(1 + TC
(T1 – 25))) and r2 (r2 is 1/(1 + TC
(T2 – 25))),
where TC = 0.0039, T1 = 50
°C and T2 = 90°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com