Electronic Components Datasheet Search
  English  ▼

X  

ADP3166 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP3166
Description  5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3166 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP3166 Datasheet HTML 11Page - Analog Devices ADP3166 Datasheet HTML 12Page - Analog Devices ADP3166 Datasheet HTML 13Page - Analog Devices ADP3166 Datasheet HTML 14Page - Analog Devices ADP3166 Datasheet HTML 15Page - Analog Devices ADP3166 Datasheet HTML 16Page - Analog Devices ADP3166 Datasheet HTML 17Page - Analog Devices ADP3166 Datasheet HTML 18Page - Analog Devices ADP3166 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. 0
ADP3166
–15–
Ramp Resistor Selection
The ramp resistor (RR) is used for setting the size of the internal
PWM ramp. The value of this resistor is chosen to provide the
best combination of thermal balance, stability, and transient
response. The following expression is used for determining the
optimum value:
R=
AL
AR
C
R=
.
600 nH
.mW
pF
=k
R
R
DDS
R
R
×
××
×
×
××
×
3
02
354 2
5
381
Ω
(19)
where AR is the internal ramp amplifier gain, AD is the current
balancing amplifier gain, RDS is the total low-side MOSFET on
resistance, and CR is the internal ramp capacitor value. The
closest standard 1% resistor value is 383 k
Ω.
The internal ramp voltage magnitude can be calculated using
V=
A– D
V
RC
f
V=
.– .
. V
kpF
kHz
=.
V
R
R
VID
RR
SW
R
×
()×
××
×
()×
××
1
02
1 0 125
15
383
5
330
041
Ω
(20)
The size of the internal ramp can be made larger or smaller. If it
is made larger, stability and transient response will improve, but
thermal balance will degrade. Conversely, if the ramp is made
smaller, thermal balance will improve at the sacrifice of transient
response and stability. The factor of three in the denominator of
Equation 19 sets a ramp size that gives an optimal balance for
good stability, transient response, and thermal balance.
COMP Pin Ramp
There is a ramp signal on the COMP pin due to the droop
voltage and output voltage ramps. This ramp amplitude adds to
the internal ramp to produce the following overall ramp signal
at the PWM input.
V=
V
–
R+ R
– nD
nf
C
R
R
RT
R
OOD
SW
X
O
OD
1
1
()×()
××
×
×


(21)
For this example, the overall ramp signal is found to be 0.48 V.
Current Limit Set Point
To select the current limit set point, we need to find the resistor
value for RLIM. The current limit threshold for the ADP3166 is
set with a 3 V source (VLIM) across RLIM with a gain of 10.4 mV/
µA
(ALIM). RLIM can be found using the following:
R=
AV
IR
LIM
LIM
LIM
LIM
O
×
×
(22)
For values of RLIM greater than 500 k
Ω, the current limit may be
lower than expected, so some adjustment of RLIM may be needed.
Here, ILIM is the average current limit for the output of the sup-
ply. For our example, choosing 75 A for ILIM, we find RLIM to be
378 k
Ω, for which we choose 374 kΩ as the nearest 1% value.
The per phase current limit described earlier has its limit deter-
mined by the following:
I
V– V – V
AR
–
I
PHLIM
COMP(MAX)
R
BIAS
D
DS(MAX)
R
≅
×
2
(23)
For the ADP3166, the maximum COMP voltage (VCOMP(MAX))
is 3.3 V, the COMP pin bias voltage (VBIAS) is 1.2 V, and the
current balancing amplifier gain (AD) is 5. Using VR of 0.48 V,
and RDS(MAX) of 4.2 m
Ω (low-side on resistance at 150°C), we
find a per phase limit of 74 A.
This limit can be adjusted by changing the ramp voltage VR. But
make sure not to set the per phase limit lower than the average
per phase current (ILIM/n).
There is also a per phase initial duty cycle limit determined by:
D= D
V–V
V
MAX
COMP MAX
BIAS
RT
×
()
(24)
For this example, the maximum duty cycle is found to be 0.55.
Feedback Loop Compensation Design
Optimized compensation of the ADP3166 allows the best pos-
sible response of the regulator’s output to a load change. The
basis for determining the optimum compensation is to make the
regulator and output decoupling appear as an output impedance
that is optimized over the widest possible frequency range,
including dc, and equal to the droop resistances (RO and
ROD). With the output impedance, the output voltage will respond
in proportion with the load current; this ensures the optimal
output positioning and allows the minimization of the output
decoupling.
With the multimode feedback structure of the ADP3166, one
needs to set the feedback compensation to make the converter’s
output impedance work in parallel with the output decoupling to
meet this goal. There are several poles and zeros created by the
output inductor and decoupling capacitors (output filter) that
need to be compensated for.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com