Electronic Components Datasheet Search
  English  ▼

X  

MP2235S Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2235S
Description  High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2235S Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2235S Datasheet HTML 11Page - Monolithic Power Systems MP2235S Datasheet HTML 12Page - Monolithic Power Systems MP2235S Datasheet HTML 13Page - Monolithic Power Systems MP2235S Datasheet HTML 14Page - Monolithic Power Systems MP2235S Datasheet HTML 15Page - Monolithic Power Systems MP2235S Datasheet HTML 16Page - Monolithic Power Systems MP2235S Datasheet HTML 17Page - Monolithic Power Systems MP2235S Datasheet HTML 18Page - Monolithic Power Systems MP2235S Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MP2235S –3 A, 16 V, 800 kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2235S Rev.1.0
www.MonolithicPower.com
16
4/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Top Layer
SW
BST
EN/SYNC
GND
GND
Vout Sense
Bottom Layer
Figure 9
Recommended PCB layout
Design Example
Table 2 is a design example following the
application
guidelines
for
the
following
specifications:
Table 2—Design example
VIN
12 V
VOUT
3.3 V
IOUT
3 A
The detailed application schematic is shown in
Figure 11. The typical performance and circuit
waveforms have been shown in the “Typical
Performance Characteristics” section. For more
device applications, please refer to the related
evaluation board datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com