Electronic Components Datasheet Search
  English  ▼

X  

MP2235S Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2235S
Description  High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2235S Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2235S Datasheet HTML 1Page - Monolithic Power Systems MP2235S Datasheet HTML 2Page - Monolithic Power Systems MP2235S Datasheet HTML 3Page - Monolithic Power Systems MP2235S Datasheet HTML 4Page - Monolithic Power Systems MP2235S Datasheet HTML 5Page - Monolithic Power Systems MP2235S Datasheet HTML 6Page - Monolithic Power Systems MP2235S Datasheet HTML 7Page - Monolithic Power Systems MP2235S Datasheet HTML 8Page - Monolithic Power Systems MP2235S Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP2235S
High-Efficiency, 3 A, 16 V, 800 kHz
Synchronous Step-Down Converter
MP2235S Rev.1.0
www.MonolithicPower.com
1
4/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
MP2235S
is
a
high-frequency,
synchronous, rectified, step-down, switch-mode
converter with built-in power MOSFETs. It
offers a compact solution to achieve a 3 A
continuous output current with excellent load
and line regulation over a wide input supply
range. The MP2235S has synchronous mode
operation for higher efficiency over the output
current load range.
Current mode operation provides fast transient
response and eases loop stabilization.
Full protection features include over-current
protection (OCP) and thermal shutdown (TSD).
The MP2235S requires a minimal number of
readily
available,
standard,
external
components and is available in a space-saving
8-pin TSOT23 package.
FEATURES
• Wide 4.5 V to 16 V Operating Input Range
• 120 mΩ/50 mΩ Low RDS(ON) Internal Power
MOSFETs
• High-Efficiency Synchronous Mode
Operation
• Fixed 800 kHz Switching Frequency
• Synchronizes from a 300 kHz to a 2 MHz
External Clock
• Power-Save Mode at Light Load
• External Soft-Start
• Over-Current Protection and Hiccup
• Thermal Shutdown
• Output Adjustable from 0.804 V
• Available in a 8-pin TSOT-23 Package
APPLICATIONS
• Notebook Systems and I/O Power
• Digital Set-Top Boxes
• Flat-Panel Televisions and Monitors
• Distributed Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
LOAD CURRENT(A)
50
55
60
65
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VIN=5V
VIN=16V
VIN=12V


Similar Part No. - MP2235S

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2235 MPS-MP2235 Datasheet
1Mb / 21P
High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP2235GJ MPS-MP2235GJ Datasheet
1Mb / 21P
High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
More results

Similar Description - MP2235S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62050 TI-TPS62050 Datasheet
432Kb / 21P
800-mA SYNCHRONOUS STEP-DOWN CONVERTER
logo
Analog Devices
ADP2118 AD-ADP2118 Datasheet
1Mb / 24P
3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
REV. 0
logo
Texas Instruments
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSRG4 TI1-TPS62050DGSRG4 Datasheet
897Kb / 25P
800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TLV62090 TI1-TLV62090_16 Datasheet
1Mb / 27P
3A High Efficiency Synchronous Step-Down Converter
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
TPS62050 TI1-TPS62050_17 Datasheet
1Mb / 30P
800-mA Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com