Electronic Components Datasheet Search
  English  ▼

X  

MP2235S Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2235S
Description  High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2235S Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2235S Datasheet HTML 1Page - Monolithic Power Systems MP2235S Datasheet HTML 2Page - Monolithic Power Systems MP2235S Datasheet HTML 3Page - Monolithic Power Systems MP2235S Datasheet HTML 4Page - Monolithic Power Systems MP2235S Datasheet HTML 5Page - Monolithic Power Systems MP2235S Datasheet HTML 6Page - Monolithic Power Systems MP2235S Datasheet HTML 7Page - Monolithic Power Systems MP2235S Datasheet HTML 8Page - Monolithic Power Systems MP2235S Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MP2235S –3 A, 16 V, 800 kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2235S Rev.1.0
www.MonolithicPower.com
5
4/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
Performance waveforms are tested on the evaluation board of the design example section.
VIN = 12 V, VOUT = 3.3 V, L = 3.3 μH, TA = 25°C, unless otherwise noted.
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
0.5
1
1.5
2
2.5
3
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
6 7 8 9 10 11 12 13 14 15 16
0 1020304050607080
4
6
8
10
12
14
16
18
FB Voltage vs. Temperature
-40 -20 0 20 40 60 80 100 120 140
-40 -20 0 20 40 60 80 100120 140
430
450
470
490
510
530
0
5
10
15
20
25
30
4
6
8
1012 1416 18
600
650
700
750
800
850
900
780
785
790
795
800
805
810
815
820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com