Electronic Components Datasheet Search
  English  ▼

X  

MP2235S Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2235S
Description  High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2235S Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2235S Datasheet HTML 5Page - Monolithic Power Systems MP2235S Datasheet HTML 6Page - Monolithic Power Systems MP2235S Datasheet HTML 7Page - Monolithic Power Systems MP2235S Datasheet HTML 8Page - Monolithic Power Systems MP2235S Datasheet HTML 9Page - Monolithic Power Systems MP2235S Datasheet HTML 10Page - Monolithic Power Systems MP2235S Datasheet HTML 11Page - Monolithic Power Systems MP2235S Datasheet HTML 12Page - Monolithic Power Systems MP2235S Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MP2235S –3 A, 16 V, 800 kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2235S Rev.1.0
www.MonolithicPower.com
9
4/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
SS
Soft start. Connect an external capacitor to program the soft-start time for the switch
mode regulator.
2
IN
Supply voltage. IN supplies power for the internal MOSFET and regulator. The MP2235S
operates from a +4.5 V to +16 V input rail. IN requires a low ESR and low-inductance
capacitor (C1) to decouple the input rail. Place the input capacitor very close to IN and
connect it with wide PCB traces and multiple vias.
3
SW
Switch output. Connect SW to the inductor and bootstrap capacitor. SW is driven up to
VIN by the high-side switch during the PWM duty cycle on time. The inductor current drives
SW negative during the off time. The on resistance of the low-side switch and the internal
body diode fixes the negative voltage. Connect SW using wide PCB traces and multiple
vias.
4
GND
System ground. GND is the reference ground of the regulated output voltage. PCB layout
requires extra care. For best results, connect to GND with copper and vias.
5
BST
Bootstrap. Requires a capacitor connected between SW and BST to form a floating
supply across the high-side switch driver.
6
EN/SYNC
Enable. EN=high to enable the MP2235S. Apply an external clock to change the switching
frequency. For automatic start-up, connect EN to VIN with a 100 kΩ resistor.
7
VCC
Internal 5 V LDO output. VCC powers the driver and control circuits. Decouple with a
0.1 μF to 0.22 μF capacitor. Do NOT use a capacitor ≥0.22 μF.
8
FB
Feedback. Connect FB to the tap of an external resistor divider from the output to GND to
set the output voltage. The frequency foldback comparator lowers the oscillator frequency
when the FB voltage is below 400 mV to prevent current limit runaway during a short-
circuit fault. Place the resistor divider as close to FB as possible. Avoid placing vias on the
FB traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com