Electronic Components Datasheet Search
  English  ▼

X  

MP2235S Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2235S
Description  High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2235S Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2235S Datasheet HTML 2Page - Monolithic Power Systems MP2235S Datasheet HTML 3Page - Monolithic Power Systems MP2235S Datasheet HTML 4Page - Monolithic Power Systems MP2235S Datasheet HTML 5Page - Monolithic Power Systems MP2235S Datasheet HTML 6Page - Monolithic Power Systems MP2235S Datasheet HTML 7Page - Monolithic Power Systems MP2235S Datasheet HTML 8Page - Monolithic Power Systems MP2235S Datasheet HTML 9Page - Monolithic Power Systems MP2235S Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MP2235S –3 A, 16 V, 800 kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2235S Rev.1.0
www.MonolithicPower.com
6
4/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board of the design example section.
VIN = 12 V, VOUT = 3.3 V, L = 3.3 μH, TA = 25°C, unless otherwise noted.
0
5
10
15
20
25
30
35
40
45
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT(A)
LOAD CURRENT(A)
LOAD CURRENT(A)
LOAD CURRENT(A)
LOAD CURRENT(A)
LOAD CURRENT (A)
Case Temperature Rise
vs. Load Current
VIN=5V, 2 Layers PCB,
Size: 6.35cm x 4.83cm
50
55
60
65
70
75
80
85
90
95
100
50
55
60
65
70
75
80
85
90
95
100
50
55
60
65
70
75
80
85
90
95
100
50
55
60
65
70
75
80
85
90
95
100
LOAD CURRENT (A)
Case Temperature Rise
vs. Load Current
VIN=12V, 2 Layers PCB,
Size: 6.35cm x 4.83cm
LOAD CURRENT (A)
Case Temperature Rise
vs. Load Current
VIN=16V, 2 Layers PCB,
Size: 6.35cm x 4.83cm
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
45
50
55
60
65
70
75
80
85
90
95
100
VIN=5V
VIN=12V
VIN=16V
VIN=5V
VIN=16V
VIN=12V
VIN=5V
VIN=12V
VIN=16V
VIN=5V
VIN=16V
VIN=12V
VIN=7V
VIN=12V
VIN=16V
VOUT=1.2V
0.5
1.0
1.5
2.0
2.5
3.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
60
VOUT=3.3V
VOUT=5V
VOUT=1.2V
0
10
20
30
40
50
60
70
VOUT=5V
VOUT=3.3V
VOUT=1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com