Electronic Components Datasheet Search
  English  ▼

X  

MP2420 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2420
Description  75V, 0.3A Synchronous Step-Down Converter with Watchdog
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2420 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2420 Datasheet HTML 13Page - Monolithic Power Systems MP2420 Datasheet HTML 14Page - Monolithic Power Systems MP2420 Datasheet HTML 15Page - Monolithic Power Systems MP2420 Datasheet HTML 16Page - Monolithic Power Systems MP2420 Datasheet HTML 17Page - Monolithic Power Systems MP2420 Datasheet HTML 18Page - Monolithic Power Systems MP2420 Datasheet HTML 19Page - Monolithic Power Systems MP2420 Datasheet HTML 20Page - Monolithic Power Systems MP2420 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
MP2420―75V, 0.3A, SYNCHRONOUS STEP-DOWN CONVERTER WITH WATCHDOG
MP2420 Rev. 1.0
www.MonolithicPower.com
17
9/6/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Synchronized by WDI and Triggered in Closed Window (MODE = 1, Long Window Mode)
NOTE: When the WDI_OK rising edge approaches WDO when it is low, the t6 timer is reset. In the situation above, the WDO
reset signal keeps t6+WDI_OK time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com