Electronic Components Datasheet Search
  English  ▼

X  

MP2420 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2420
Description  75V, 0.3A Synchronous Step-Down Converter with Watchdog
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2420 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2420 Datasheet HTML 1Page - Monolithic Power Systems MP2420 Datasheet HTML 2Page - Monolithic Power Systems MP2420 Datasheet HTML 3Page - Monolithic Power Systems MP2420 Datasheet HTML 4Page - Monolithic Power Systems MP2420 Datasheet HTML 5Page - Monolithic Power Systems MP2420 Datasheet HTML 6Page - Monolithic Power Systems MP2420 Datasheet HTML 7Page - Monolithic Power Systems MP2420 Datasheet HTML 8Page - Monolithic Power Systems MP2420 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MP2420―75V, 0.3A, SYNCHRONOUS STEP-DOWN CONVERTER WITH WATCHDOG
MP2420 Rev. 1.0
www.MonolithicPower.com
4
9/6/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, VEN = 2V, VCC = 5V, TJ = +25°C, unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Units
DC/DC Converter
Supply quiescent current
No load, VFB = 1.2V
20
25
μA
Shutdown supply current
VEN < 0.3V
2.2
3.5
μA
VIN UVLO rising threshold
3.9
4.2
4.4
V
VIN UVLO falling threshold
3.45
3.75
3.95
VIN UVLO hysteresis
0.45
V
VIN = 4.5V to 75V, TJ = 25°C
0.99
1.0
1.01
V
Feedback voltage
VIN = 4.5V to 75V,
-40°C < TJ < 125°C
0.98
1.0
1.02
V
Feedback current
VFB = 1.2V
-50
2
50
nA
VREF voltage
VIN = 4.5V to 75V, IREF = 100μA
0.965
1
1.035
V
Upper switch-on resistance
VBST - VSW = 5V
0.9
1.2
1.5
Ω
Lower switch-on resistance
VBIAS = 5V
0.275
0.45
0.625
Ω
Lower switch leakage
VEN = 0V, VSW = 75V
1
μA
Peak current limit
670
730
790
mA
Minimum switch-on time
(5)
120
ns
Enable rising threshold
1.25
1.55
1.85
V
Enable falling threshold
1.152
1.2
1.248
V
Enable threshold hysteresis
0.35
V
Enable current
VEN = 2.4V
0.8
μA
Soft-start current
4
5.5
7
μA
POK upper trip threshold
FB respect to the nominal value
86
90
94
%
POK lower trip threshold
FB respect to the nominal value
81
85
89
%
POK threshold hysteresis
FB respect to the nominal value
5
%
POK deglitch timer
40
μs
POK output voltage low
ISINK = 1mA
0.4
V
FB OVP rising threshold
1.05
1.1
V
FB OVP hysteresis
50
mV
Thermal shutdown
(5)
175
°C
Thermal shutdown
hysteresis
(5)
20
°C
NOTE:
5) Derived from bench characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com