Electronic Components Datasheet Search
  English  ▼

X  

MP2420 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2420
Description  75V, 0.3A Synchronous Step-Down Converter with Watchdog
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2420 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2420 Datasheet HTML 1Page - Monolithic Power Systems MP2420 Datasheet HTML 2Page - Monolithic Power Systems MP2420 Datasheet HTML 3Page - Monolithic Power Systems MP2420 Datasheet HTML 4Page - Monolithic Power Systems MP2420 Datasheet HTML 5Page - Monolithic Power Systems MP2420 Datasheet HTML 6Page - Monolithic Power Systems MP2420 Datasheet HTML 7Page - Monolithic Power Systems MP2420 Datasheet HTML 8Page - Monolithic Power Systems MP2420 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MP2420
75V, 0.3A Synchronous
Step-Down Converter with Watchdog
MP2420 Rev. 1.0
www.MonolithicPower.com
1
9/6/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2420 is a step-down switching regulator
with integrated high- and low-side, high-voltage
power MOSFETs. It achieves a highly efficient
output of up to 0.3A, and the integrated
watchdog adds additional security redundancy
to the system.
The wide 4.5V to 75V input range accommodates
a variety of step-down applications in an
automotive environment. A 5μA shutdown
mode quiescent current in a full temperature
range is ideal for battery-powered applications.
The MP2420 allows for high-power conversion
efficiency over a wide load range by scaling
down the switching frequency under light-load
conditions to reduce switching and gate driver
losses. The start-up switching frequency and
short circuit can also be scaled down to prevent
an inductor current runaway.
Full protection features include under-voltage
lockout (UVLO) and thermal shutdown. Thermal
shutdown
provides
reliable,
fault-tolerant
operation.
The MP2420 is available in a TSSOP-16 EP
package.
FEATURES
• 20μA Quiescent Current for Buck Only
• Wide 4.5V to 75V Operating Input Range
(80V ABS MAX)
• 1.2Ω/0.45Ω Internal Power MOSFETs
• Programmable Soft Start
• FB Tolerance: 1% at Room Temperature,
2% at Full Temperature
• Adjustable Output Voltage
• Integrated Window Watchdog
• Power-On Reset during Power Up and
Under-Voltage Lockout (UVLO)
• Programmable Short Window Mode or Long
Window Mode
• Low Shutdown Mode Current of 5μA
• Available in a TSSOP-16 EP Package
APPLICATIONS
• Automotive Systems
• Industrial Power Systems
• Distributed Power Systems
• Battery-Powered Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP2420

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
MP24 MERCURY-MP24 Datasheet
116Kb / 1P
Surface Mount Crystals
logo
EUROQUARTZ limited
MP24 EUROQUARTZ-MP24 Datasheet
135Kb / 1P
Frequency range 3.20MHz to 70.0MHZ
logo
Cirrus Logic
MP240 APEX-MP240 Datasheet
353Kb / 5P
POWER OPERATIONAL AMPLIFIER
logo
CTS Corporation
MP240 CTS-MP240 Datasheet
133Kb / 5P
Quartz Crystal
logo
Cirrus Logic
MP240 CIRRUS-MP240 Datasheet
575Kb / 7P
Power Operational Amplifier
More results

Similar Description - MP2420

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ4569-AEC1 MPS-MPQ4569-AEC1 Datasheet
1Mb / 17P
75V, 0.3A Synchronous Step-Down Converter AEC-Q100 Qualified
MPQ2420-AEC1 MPS-MPQ2420-AEC1 Datasheet
1Mb / 22P
75V, 0.3A, Synchronous Step-Down Converter with Watchdog AEC-Q100 Qualified
MP4569 MPS-MP4569 Datasheet
751Kb / 17P
75V, 0.3A Synchronous Step-Down Converter
EV2420-F-00A MPS-EV2420-F-00A Datasheet
550Kb / 7P
75V/0.3A Synchronous Step-Down Converter with Watchdog Evaluation Board
EV4569-N-00A MPS-EV4569-N-00A Datasheet
515Kb / 6P
75V, 0.3A Synchronous Step-Down Converter Evaluation Board
EV4569-Q-00A MPS-EV4569-Q-00A Datasheet
476Kb / 6P
75V, 0.3A Synchronous Step-Down Converter Evaluation Board
MPM3570E MPS-MPM3570E Datasheet
875Kb / 20P
Ultra Low EMI, 75V Input, 0.3A Step-Down Power Module with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com