Electronic Components Datasheet Search
  English  ▼

X  

MP2420 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2420
Description  75V, 0.3A Synchronous Step-Down Converter with Watchdog
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2420 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2420 Datasheet HTML 6Page - Monolithic Power Systems MP2420 Datasheet HTML 7Page - Monolithic Power Systems MP2420 Datasheet HTML 8Page - Monolithic Power Systems MP2420 Datasheet HTML 9Page - Monolithic Power Systems MP2420 Datasheet HTML 10Page - Monolithic Power Systems MP2420 Datasheet HTML 11Page - Monolithic Power Systems MP2420 Datasheet HTML 12Page - Monolithic Power Systems MP2420 Datasheet HTML 13Page - Monolithic Power Systems MP2420 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MP2420―75V, 0.3A, SYNCHRONOUS STEP-DOWN CONVERTER WITH WATCHDOG
MP2420 Rev. 1.0
www.MonolithicPower.com
10
9/6/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
Watchdog
1
WDO
Watchdog output. WDO outputs the reset signal to the MCU.
2
WDI
Watchdog input. WDI receives the trigger signal from the MCU.
3
MODE
Mode switching. Pull MODE high to make the watchdog work in long window
mode; pull MODE low to make the watchdog work in short window mode. MODE
has a weak internal pull-up.
4
GND
Ground. Connect GND as close the output capacitor as possible to avoid high-
current switch paths.
14
VCC
Power input.
15
TIMER
Watchdog timer. Set the time-out with an external resistor.
16
/WD_DIS
Watchdog disable. Pull /WD_DIS low to disable the watchdog; pull /WD_DIS high
to enable the watchdog. /WD_DIS has a weak internal pull-up.
DC/DC
4
GND
Ground. Same as GND in Watchdog.
5
IN
Input supply. IN requires a decoupling capacitor connected to ground to reduce
switching spikes.
6
EN
Enable input. Pull EN below the low threshold to shut the chip down; pull EN
above the high threshold to enable the chip. Float EN to shut the chip down.
7
VREF
Reference voltage output.
8
FB
Feedback input to the error amplifier (for QFN-10 (3mmx3mm) package only).
Connect FB to the tap of an external resistive divider between output and GND. FB
sets the regulation voltage when compared to the internal 1V reference.
9
SS
Soft-start control input. Connect a capacitor from SS to GND to set the soft-start
period.
10
POK
Open-drain power good output. A high output indicates that VOUT is higher than
90% of the reference. POK is pulled down during shutdown.
11
BIAS
Controller bias input. BIAS supplies a current to the internal circuit when VBIAS >
2.9V. BIAS is the feedback input for the SOIC-8 E package, which has a fixed
output only.
12
BST
Bootstrap. BST is the positive power supply for the internal floating high-side
MOSFET driver. Connect a bypass capacitor between BST and SW.
13
SW
Switch node.
Exposed Pad Connect the exposed pad to the GND plane for optimal thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com