Electronic Components Datasheet Search
  English  ▼

X  

MP2420 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2420
Description  75V, 0.3A Synchronous Step-Down Converter with Watchdog
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2420 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2420 Datasheet HTML 2Page - Monolithic Power Systems MP2420 Datasheet HTML 3Page - Monolithic Power Systems MP2420 Datasheet HTML 4Page - Monolithic Power Systems MP2420 Datasheet HTML 5Page - Monolithic Power Systems MP2420 Datasheet HTML 6Page - Monolithic Power Systems MP2420 Datasheet HTML 7Page - Monolithic Power Systems MP2420 Datasheet HTML 8Page - Monolithic Power Systems MP2420 Datasheet HTML 9Page - Monolithic Power Systems MP2420 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MP2420―75V, 0.3A, SYNCHRONOUS STEP-DOWN CONVERTER WITH WATCHDOG
MP2420 Rev. 1.0
www.MonolithicPower.com
6
9/6/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
DC/DC CONVERTER
VIN = 12V, unless otherwise noted.
0.97
0.98
0.99
1.00
1.01
1.02
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
650
660
670
680
690
700
710
720
730
740
750
1.0
1.5
2.0
2.5
3.0
3.5
4.0
15
18
21
24
27
30
JUNCTION TEMPERATURE (°C)
JUNCTION TEMPERATURE (°C)
JUNCTION TEMPERATURE (°C)
Quiescent Current vs.
Junction Temperature
Shutdown Current vs.
Junction Temperature
Switch On Resistance vs.
Junction Temperature
EN Threshold vs.
Junction Temperature
Current Limit vs.
Junction Temperature
VREF vs.
Junction Temperature
ISS vs.
Junction Temperature
VIN UVLO vs.
Junction Temperature
JUNCTION TEMPERATURE (°C)
JUNCTION TEMPERATURE (°C)
JUNCTION TEMPERATURE (°C)
JUNCTION TEMPERATURE (°C)
JUNCTION TEMPERATURE (°C)
JUNCTION TEMPERATURE (°C)
Feedback Voltage vs.
Junction Temperature
0.990
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
1.010
-50 -25
0
25 50 75 100 125
-50 -25
0
25 50 75 100 125
-50 -25
0
25 50 75 100 125
-50 -25
0
25 50 75 100 125
-50 -25
0
25 50 75 100 125
-50 -25
0
25 50 75 100 125
-50 -25
0
25 50 75 100 125
-50 -25
0
25 50 75 100 125
-50 -25
0
25 50 75 100 125
Rising
Falling
Rising
Upper
Lower
Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com