Electronic Components Datasheet Search
  English  ▼

X  

MP2420 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2420
Description  75V, 0.3A Synchronous Step-Down Converter with Watchdog
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2420 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2420 Datasheet HTML 1Page - Monolithic Power Systems MP2420 Datasheet HTML 2Page - Monolithic Power Systems MP2420 Datasheet HTML 3Page - Monolithic Power Systems MP2420 Datasheet HTML 4Page - Monolithic Power Systems MP2420 Datasheet HTML 5Page - Monolithic Power Systems MP2420 Datasheet HTML 6Page - Monolithic Power Systems MP2420 Datasheet HTML 7Page - Monolithic Power Systems MP2420 Datasheet HTML 8Page - Monolithic Power Systems MP2420 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MP2420―75V, 0.3A, SYNCHRONOUS STEP-DOWN CONVERTER WITH WATCHDOG
MP2420 Rev. 1.0
www.MonolithicPower.com
5
9/6/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 24V, VEN = 2V, VCC = 5V, TJ = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Watchdog Power Supply
Timer voltage
RTIMER = 51k
0.3
V
RTIMER = 100k
16
19
μA
Quiescent current
IQ
RTIMER = 51k
25
32
μA
VPOR-HIGH WDO goes high with rising VCC
4.4
4.6
4.8
V
Power-on reset
threshold
VPOR-LOW WDO goes low with falling VCC
4.3
4.5
4.7
V
Watchdog Timing
Single period
T
RTIMER = 51k
-10%
880
+10%
µs
Power-on delay
(6)
t0
RTIMER = 51k
10
cycle
Sync signal monitoring
time
(6)
t1
RTIMER = 51k
450
cycle
Watchdog window close
time (short mode)
(6)
t2
RTIMER = 51k, mode = low
15
cycle
Watchdog window open
time (short mode)
(6)
t3
RTIMER = 51k, mode = low
10
cycle
Watchdog window close
time (long mode)
(6)
t4
RTIMER = 51k, mode = high
1500
cycle
Watchdog window open
time (long mode)
(6)
t5
RTIMER = 51k, mode = high
1000
cycle
WDO reset pulse
width
(6)
t6
RTIMER = 51k
4
cycle
WDI_OK pulse width
10
5000
μs
Watchdog Input and Output
WDI logic high
3.2
V
WDI logic low
0.8
V
MODE logic high
3.2
V
MODE logic low
0.8
V
MODE = 5V
0.1
1
μA
MODE input current
MODE = 0V
5
8
μA
/WD_DIS logic high
3.2
V
/WD_DIS logic low
0.8
V
WD_DIS = 5V
0.1
1
μA
/WD_DIS input current
WD_DIS = 0V
5
8
μA
WDO high
VCC = 5V, IWDO = 1mA
VCC-0.2
V
VCC = 5V, IWDO = 1mA
0.2
V
WDO low
VCC = 1V, IWDO = 300μA
0.1
V
NOTE:
6) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com