Electronic Components Datasheet Search
  English  ▼

X  

MP4032-2 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4032-2
Description  Offline LED Driver with Fully-Integrated Internal MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4032-2 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4032-2 Datasheet HTML 1Page - Monolithic Power Systems MP4032-2 Datasheet HTML 2Page - Monolithic Power Systems MP4032-2 Datasheet HTML 3Page - Monolithic Power Systems MP4032-2 Datasheet HTML 4Page - Monolithic Power Systems MP4032-2 Datasheet HTML 5Page - Monolithic Power Systems MP4032-2 Datasheet HTML 6Page - Monolithic Power Systems MP4032-2 Datasheet HTML 7Page - Monolithic Power Systems MP4032-2 Datasheet HTML 8Page - Monolithic Power Systems MP4032-2 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP4032-2—OFFLINE LED DRIVER WITH FULLY-INTEGRATED INTERNAL MOSFET
MP4032-2 Rev.1.01
www.MonolithicPower.com
3
10/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP4032-2GS
SOIC8-7A
MP4032-2
* For Tape & Reel, add suffix –Z (e.g. MP4032-2GS–Z)
PACKAGE REFERENCE
COMP
MULT
ZCD
VCC
DRAIN
CS
GND
1
2
3
4
8
6
5
TOP VIEW
SOIC8-7A
ABSOLUTE MAXIMUM RATINGS
(1)
VCC ................................................-0.3V to +30V
ZCD Pin .............................................-7V to +7V
Drain-Source Voltage .................-0.3V to +600V
Continue Drain Current (2) .............................. 1A
Other Analog Inputs and Outputs ...-0.3V to +7V
Continuous Power Dissipation
(TA = +25°C)
(3)
............................................................. 1.3W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -65°C to +150°C
Recommended Operating Conditions
(4)
Supply Voltage VCC ........................10.3V to 27V
Thermal Resistance
(5)
θJA
θJC
SOIC8-7A................................96 ...... 45 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) Guaranteed by design.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
4) The device is not guaranteed to function outside of its
operation conditions.
5) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com