Electronic Components Datasheet Search
  English  ▼

X  

MP4032-2 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4032-2
Description  Offline LED Driver with Fully-Integrated Internal MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4032-2 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4032-2 Datasheet HTML 6Page - Monolithic Power Systems MP4032-2 Datasheet HTML 7Page - Monolithic Power Systems MP4032-2 Datasheet HTML 8Page - Monolithic Power Systems MP4032-2 Datasheet HTML 9Page - Monolithic Power Systems MP4032-2 Datasheet HTML 10Page - Monolithic Power Systems MP4032-2 Datasheet HTML 11Page - Monolithic Power Systems MP4032-2 Datasheet HTML 12Page - Monolithic Power Systems MP4032-2 Datasheet HTML 13Page - Monolithic Power Systems MP4032-2 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MP4032-2—OFFLINE LED DRIVER WITH FULLY-INTEGRATED INTERNAL MOSFET
MP4032-2 Rev.1.01
www.MonolithicPower.com
10
10/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Pin Function
1
COMP
Loop Compensation.
Connects a compensation network to stabilize the LED driver and get
an accurate LED driver current.
2
MULT
Multiplier Input.
Connect this pin to the tap of resistor divider from the rectified voltage of
the AC line. The half-wave sinusoid signal on this pin provides a reference signal for the
internal current control loop.
3
ZCD
Zero Current Detection Input.
A negative going-edge triggers the turn-on signal of the
internal MOSFET. Connect this pin to a resistor divider between the auxiliary winding to
GND. Over-voltage condition is detected through ZCD. For each switching turn-off interval, if
the ZCD voltage exceeds the over-voltage-protection (OVP) threshold after the 1.9μs
blanking time, OVP will trigger and the system will stop switching until auto-restart.
4
VCC
Power Supply Input.
Powers both the control signal and the internal high-voltage MOSFET
gate driver. Bypass to ground with an external bulk capacitor (typically 22μF) to reduce
ripple.
5
GND
Ground.
Current return for the control signal and the gate drive signal.
6
CS
Internal MOSFET Source and Current Sense Input.
Connect a current-sensing resistor
from this pin to GND to set the LED current. Senses the MOSFET current. Comparing the
resulting voltage and the internal sinusoidal-current reference signal determines when the
MOSFET turns off. If the pin voltage exceeds the current limit threshold of 2.24V (after turn-
on blanking) the gate drive will turn off.
7
NC
8
DRAIN
Drain of the Internal MOSFET.
Provides charging current from the rectified AC line voltage
to VCC for start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com