Electronic Components Datasheet Search
  English  ▼

X  

MP4032-2 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP4032-2
Description  Offline LED Driver with Fully-Integrated Internal MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4032-2 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP4032-2 Datasheet HTML 3Page - Monolithic Power Systems MP4032-2 Datasheet HTML 4Page - Monolithic Power Systems MP4032-2 Datasheet HTML 5Page - Monolithic Power Systems MP4032-2 Datasheet HTML 6Page - Monolithic Power Systems MP4032-2 Datasheet HTML 7Page - Monolithic Power Systems MP4032-2 Datasheet HTML 8Page - Monolithic Power Systems MP4032-2 Datasheet HTML 9Page - Monolithic Power Systems MP4032-2 Datasheet HTML 10Page - Monolithic Power Systems MP4032-2 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MP4032-2—OFFLINE LED DRIVER WITH FULLY-INTEGRATED INTERNAL MOSFET
MP4032-2 Rev.1.01
www.MonolithicPower.com
7
10/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=230VAC/50Hz, 18 LEDs in series, ILED=98mA, VOUT=55V, Lm=1.45mH, TRIAC-dimmable, Non-
isolated Buck-boost Converter, without ripple suppressor, unless otherwise noted.
0
10
20
30
40
50
60
70
80
90
100
10
30
50
70
90
9 kHz
30 MHz
30 MHz
300 MHz
6DB
TDS
SGL
1 PK
CLRWR
2 AV
CLRWR
1 PK
CLRWR
2 AV
CLRWR
6DB
TDF
SGL
75
76
77
78
79
80
81
82
83
84
85
190 200 210 220 230 240 250 260 270
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
190 200 210 220 230 240 250 260 270
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
190 200 210 220 230 240 250 260 270
120
100 kHz
1 MHz
10 MHz
110
100
90
80
60
50
40
30
20
10
0
70
EN55015O
EN55015A
120
100 MHz
110
100
90
80
60
50
40
30
20
10
0
70
CDN QP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com